전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMPCX08 데이터시트(Datasheet) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMPCX08
상세내용  AlInGaP LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 4 page
background image
1−45
1
HLMP-Cx08/Cx25
図6. HLMP-Cx25 明るさ−放射特性
図5. HLMP-Cx08 明るさ−放射特性
図1. 発光波長−明るさ(相対値)特性
図2. パルス幅−最大許容ピーク電流特性
図3. 順電圧−順電流特性
図4. DC順電流−明るさ(相対値)特性
波長 – nm
550
600
650
700
1.0
0.5
0
C208
C225
C008
C025
C608
C625
1.0
10,000
6
1
tp – パルス幅 – µs
1000
5
3
100
10
4
2
1.0
0
VF – 順電圧 – V
50
40
30
10
2.0
3.0
60
1.5
2.5
20
0
0
IF – DC順電流 – mA
2.5
2.0
1.5
0.5
60
3.0
20
40
1.0
1.0
0
光軸からの角度−度
0.8
0.6
0.5
0.7
0.2
-20
-15
0.1
0.3
0.4
-10
0
5
10
15
20
25
0.9
-25
-5
1.0
0
光軸からの角度−度
0.8
0.6
0.5
0.7
0.2
-70 -60
0.1
0.3
0.4
-40
0
20
30
50
70 80
90
0.9
-90
-20
-80
-50
-30
-10
10
40
60




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ELD-640-523-1Red AlInGaP/GaAs LED lamp 1 List of Unclassifed Manufacturers
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
MV7042SUPER BRIGHT T-1 3mm LED LAMP - WATER CLEAR 1 2 QT Optoelectronics
GL1PR135ø2mm Forming Type Colored Diffusion Compact LED Lamp for Backlight/Indicator 1 2 3 4 Sharp Electrionic Components
LT1465EDDot Matrix LED Unit for Outdoor Use Lamp Type 1 2 Sharp Electrionic Components
LU5350TWO-COLOR RED AND GREEN T1 LED LAMP 1 Siemens Semiconductor Group
MV8331SUPER BRIGHT T-1 3/4 5 mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
LC503NBG1-15QBlue Green 15 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate
MT208-5RLED LAMP ARRAYS 1 Marktech Corporate

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl