전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMPCX08 데이터시트(Datasheet) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMPCX08
상세내용  AlInGaP LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 5 page
background image
1−46
HLMP-Cx08/Cx25
テーピング寸法図
ストレートリード
テーピングタイプ指定方法
テーピングを指定する場合は、型番の最後の2桁に指定コード DD を当てはめて下さい。
例) HLMP-C008-U0000 にテーピングを指定する場合は、
HLMP-C008-U00DD となります。
つづら折りパッケージ(2000 個入り)
18.50
17.50
9.75
8.50
3.30
2.30
13.00
12.40
13.70
11.70
7.65
20.5±1.0
5.05
5.79
4.42
9.19
8.43
11.00
MAX.
0.90
0.50
4.20
3.80
15.30
12.00
14.50
MIN.
2.54
MAX.
1.50 MAX.
0.000±1.0
Φ
5.08
4.57
Φ
TYP.
カソード
HLMP-□□□-□□□
最後の2桁
C
D D
273mm
345mm
50mm




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ELD-640-523-1Red AlInGaP/GaAs LED lamp 1 List of Unclassifed Manufacturers
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
MV7042SUPER BRIGHT T-1 3mm LED LAMP - WATER CLEAR 1 2 QT Optoelectronics
GL1PR135ø2mm Forming Type Colored Diffusion Compact LED Lamp for Backlight/Indicator 1 2 3 4 Sharp Electrionic Components
LT1465EDDot Matrix LED Unit for Outdoor Use Lamp Type 1 2 Sharp Electrionic Components
LU5350TWO-COLOR RED AND GREEN T1 LED LAMP 1 Siemens Semiconductor Group
MV8331SUPER BRIGHT T-1 3/4 5 mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
LC503NBG1-15QBlue Green 15 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate
MT208-5RLED LAMP ARRAYS 1 Marktech Corporate

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl