전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMPCX08 데이터시트(Datasheet) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMPCX08
상세내용  AlInGaP LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 3 page
background image
1−44
HLMP-Cx08/Cx25
電気的/光学的特性(TA=25℃)
記号
項  目
型名 HLMP-
Min.
Typ.
Max.
単位
条 件
Iv
明るさ
C008-U0000
2900
6000
mcd
IF=20 mA
C208-S0000
2600
3000
C608-R0000
1000
2000
C025-P0000
500
1000
C225-O0000
450
800
C625-P0000
500
700
2
θ1/2
視野角[1]
C008-U0000
8
Deg.
IF=20 mA
C208-S0000
8
C608-R0000
8
C025-P0000
25
C225-O0000
25
C625-P0000
25
λd
ドミナント波長[2]
C008-U0000
626
nm
C208-S0000
590
C608-R0000
635
C025-P0000
626
C225-O0000
590
C625-P0000
635
λPEAK
ピーク波長
C008-U0000
635
nm
C208-S0000
594
C608-R0000
650
C025-P0000
635
C225-O0000
594
C625-P0000
650
∆λ1/2
スペクトル半値幅
共通
17
nm
τs
応答速度
共通
20
ns
C容量
共通
40
pF
VF = 0,
f = 1 MHz
R
θJ-PIN
熱抵抗
共通
260
℃/W
LEDジャンクションか
らカソードリードまで
VF
順電圧
C008-U0000
1.9
2.4
V
IF = 20 mA
C208-S0000
1.9
2.6
C608-R0000
1.9
2.6
C025-P0000
1.9
2.4
C225-O0000
1.9
2.6
C625-P0000
1.9
2.6
 IR
逆電流
共通
100
µAVR = 5V
注:
1.
θ1/2 は明るさが半減する光軸からの角度。
2.
ドミナント波長
λd は、CIE 色座標による目で感じる色の波長。




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ELD-640-523-1Red AlInGaP/GaAs LED lamp 1 List of Unclassifed Manufacturers
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
MV7042SUPER BRIGHT T-1 3mm LED LAMP - WATER CLEAR 1 2 QT Optoelectronics
GL1PR135ø2mm Forming Type Colored Diffusion Compact LED Lamp for Backlight/Indicator 1 2 3 4 Sharp Electrionic Components
LT1465EDDot Matrix LED Unit for Outdoor Use Lamp Type 1 2 Sharp Electrionic Components
LU5350TWO-COLOR RED AND GREEN T1 LED LAMP 1 Siemens Semiconductor Group
MV8331SUPER BRIGHT T-1 3/4 5 mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
LC503NBG1-15QBlue Green 15 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate
MT208-5RLED LAMP ARRAYS 1 Marktech Corporate