전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM101AJ 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM101AJ
상세설명  Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AJ 데이터시트(HTML) 1 Page - Texas Instruments

  LM101AJ Datasheet HTML 1Page - Texas Instruments LM101AJ Datasheet HTML 2Page - Texas Instruments LM101AJ Datasheet HTML 3Page - Texas Instruments LM101AJ Datasheet HTML 4Page - Texas Instruments LM101AJ Datasheet HTML 5Page - Texas Instruments LM101AJ Datasheet HTML 6Page - Texas Instruments LM101AJ Datasheet HTML 7Page - Texas Instruments LM101AJ Datasheet HTML 8Page - Texas Instruments LM101AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM101A-N, LM201A-N, LM301A-N
www.ti.com
SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013
LM101A/LM201A/LM301A Operational Amplifiers
Check for Samples: LM101A-N, LM201A-N, LM301A-N
1
FEATURES
DESCRIPTION
The LM101A series are general purpose operational
Improved Specifications include:
amplifiers which feature improved performance over
Offset Voltage 3 mV Maximum Over
industry
standards
like
the
LM709.
Advanced
Temperature (LM101A/LM201A)
processing techniques make possible an order of
Input Current 100 nA Maximum Over
magnitude reduction in input currents, and a redesign
of the biasing circuitry reduces the temperature drift
Temperature (LM101A/LM201A)
of input current.
Offset Current 20 nA Maximum Over
Temperature (LM101A/LM201A)
This amplifier offers many features which make its
application nearly foolproof: Overload protection on
Specified Drift Characteristics
the input and output, no latch-up when the common
Offsets Specified Over Entire Common Mode
mode
range
is
exceeded,
and
freedom
from
and Supply Voltage Ranges
oscillations and compensation with a single 30 pF
Slew Rate of 10V/
μs as a Summing Amplifier
Capacitor.
It
has
advantages
over
internally
compensated
amplifiers
in
that
the
frequency
compensation can be tailored to the particular
application. For example, in low frequency circuits it
can be overcompensated for increased stability
margin or the compensation can be optimized to give
more than a factor of ten improvement in high
frequency performance for most applications.
In Addition, the device provides better accuracy and
lower noise in high impedance circuitry. The low input
currents also make it particularly well suited for long
interval integrators or timers, sample and hold circuits
and low frequency waveform generators. Further,
replacing circuits where matched transistor pairs
buffer the inputs of conventional IC op amps, It can
give lower offset voltage and a drift at a lower cost.
The LM101A is ensured over a temperature range of
−55°C to +125°C, the LM201A from −25°C to +85°C,
and the LM301A from 0°C to +70°C.
Fast AC-DC Converter
Feedforward compensation can be used to make a fast full wave rectifier without a filter.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM101AJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM101AJ NSC-LM101AJ Datasheet
509Kb / 17P
   Operational Amplifiers
LM101AJ NSC-LM101AJ Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Texas Instruments
LM101AJ TI1-LM101AJ Datasheet
1Mb / 24P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101AJ-14 NSC-LM101AJ-14 Datasheet
608Kb / 20P
   Operational Amplifiers
LM101AJ-14/883 NSC-LM101AJ-14/883 Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
More results

유사한 설명 - LM101AJ

제조업체부품명데이터시트상세설명
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com