전자부품 데이터시트 검색엔진 |
|
HLMPDL24 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMPDL24 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 12 page 3 Device Selection Guide (Continued) Typical Viewing Color and Luminous Angle Dominant Lamps Without Standoffs Lamps With Standoffs Intensity Iv (mcd) [1,2] 2 θ1/2 Wavelength on Leads on Leads @ 20 mA (Deg.)[4] (nm), Typ.[3] (Outline Drawing A) (Outline Drawing B) Min. Max. HLMP-EJ08-TW000 HLMP-EJ10-TW000 2170 8300 HLMP-EJ08-UX000 HLMP-EJ10-UX000 2750 10700 Orange 605 HLMP-EJ08-VY000 HLMP-EJ10-VY000 3600 13800 HLMP-EJ08-WZ000 HLMP-EJ10-WZ000 4700 18400 HLMP-EH08-SV000 HLMP-EH10-SV000 1650 6300 HLMP-EH08-TW000 HLMP-EH10-TW000 2170 8300 Red-Orange 615 HLMP-EH08-UX000 HLMP-EH10-UX000 2750 10700 6 °[5] HLMP-EH08-VY000 HLMP-EH10-VY000 3600 13800 HLMP-EG08-SV000 HLMP-EG10-SV000 1650 6300 HLMP-EG08-TW000 HLMP-EG10-TW000 2170 8300 HLMP-EG08-UW000 2750 8300 Red 626 HLMP-EG08-UX000 HLMP-EG10-UX000 2750 10700 HLMP-EG08-VW000 3600 8300 HLMP-EG08-VX000 3600 10700 HLMP-EG08-VY000 HLMP-EG10-VY000 3600 13800 HLMP-EL15-PS000 HLMP-EL17-PS000 765 2900 HLMP-EL15-QR000 1000 2200 HLMP-EL15-QRK00* 1000 2200 HLMP-EL15-QS000 1000 2900 HLMP-EL15-QS400** 1000 2900 Amber 590 HLMP-EL15-QSK00* 1000 2900 HLMP-EL15-QT000 HLMP-EL17-QT000 1000 3700 15 ° HLMP-EL15-QTK00* 1000 3700 HLMP-EL15-RU000 HLMP-EL17-RU000 1300 4800 HLMP-EL15-SV000 HLMP-EL17-SV000 1650 6300 HLMP-EJ15-PS000 HLMP-EJ17-PS000 765 2900 HLMP-EJ15-QT000 HLMP-EJ17-QT000 1000 3700 Orange 605 HLMP-EJ15-RU000 HLMP-EJ17-RU000 1300 4800 HLMP-EJ15-SV000 HLMP-EJ17-SV000 1650 6300 Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. θ 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 5. The intensity of narrow viewing angle lamps is measured at the intensity peak. Part numbers in bold are recommended for new designs. *HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only. **HLMP-xLxx-xx400 are selected to amber color bin 4 only. |
유사한 부품 번호 - HLMPDL24 |
|
유사한 설명 - HLMPDL24 |