전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3411-L 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM3411-L
상세설명  Precision Secondary Regulator and Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3411-L 데이터시트(HTML) 4 Page - Texas Instruments

  LM3411-L Datasheet HTML 1Page - Texas Instruments LM3411-L Datasheet HTML 2Page - Texas Instruments LM3411-L Datasheet HTML 3Page - Texas Instruments LM3411-L Datasheet HTML 4Page - Texas Instruments LM3411-L Datasheet HTML 5Page - Texas Instruments LM3411-L Datasheet HTML 6Page - Texas Instruments LM3411-L Datasheet HTML 7Page - Texas Instruments LM3411-L Datasheet HTML 8Page - Texas Instruments LM3411-L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
LM3411-L
SNVSAX5 – JUNE 2017
www.ti.com
Product Folder Links: LM3411-L
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See AN-450 Surface Mounting Methods and Their Effect on Product Reliability (SNOA742) for methods on soldering surface-mount
devices.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
RθJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is (PDmax = TJmax – TA) / RθJA or the number given in the Absolute Maximum Ratings, whichever is lower. The typical
thermal resistance (RθJA) when soldered to a printed-circuit board is approximately 306°C/W for the DBV package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input voltage, VIN
20
V
Output current
20
mA
Power dissipation (TA = 25°C)
(3)
300
mW
Lead temperature
Vapor phase (60 s)
215
°C
Infrared (15 s)
220
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
RθJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is (PDmax = TJmax − TA)/RθJA or the number given in the Absolute Maximum Ratings, whichever is lower. The typical thermal
resistance (RθJA) when soldered to a printed-circuit board is approximately 306°C/W for the DBV package.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VI
Input voltage
LM3411x 3.3-V
3.3
V
LM3411x 5-V
5
IO
Output current
0
15
mA
TA
Ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC
LM3411-L
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
178.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
134.7
°C/W
RθJB
Junction-to-board thermal resistance
37.3
°C/W
ψJT
Junction-to-top characterization parameter
24.7
°C/W
ψJB
Junction-to-board characterization parameter
36.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


유사한 부품 번호 - LM3411-L

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3411 NSC-LM3411 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411AM5-3.3 NSC-LM3411AM5-3.3 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411AM5-3.3/NOPB TI1-LM3411AM5-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411AM5-5.0 NSC-LM3411AM5-5.0 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
More results

유사한 설명 - LM3411-L

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411 NSC-LM3411 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411 TI-LM3411_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3411 Precision Secondary Regulator/Driver
logo
Semtech Corporation
SC4901 SEMTECH-SC4901 Datasheet
586Kb / 20P
   COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
ON Semiconductor
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
   Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
logo
List of Unclassifed Man...
STK7216 ETC-STK7216 Datasheet
119Kb / 2P
   SECONDARY CHOPPER REGULATOR FOR VTR
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com