전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP303DDRLT 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP303DDRLT
상세설명  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303DDRLT 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP303DDRLT Datasheet HTML 2Page - Texas Instruments TMP303DDRLT Datasheet HTML 3Page - Texas Instruments TMP303DDRLT Datasheet HTML 4Page - Texas Instruments TMP303DDRLT Datasheet HTML 5Page - Texas Instruments TMP303DDRLT Datasheet HTML 6Page - Texas Instruments TMP303DDRLT Datasheet HTML 7Page - Texas Instruments TMP303DDRLT Datasheet HTML 8Page - Texas Instruments TMP303DDRLT Datasheet HTML 9Page - Texas Instruments TMP303DDRLT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Temperature Accuracy (qC)
0
5
10
15
20
25
30
35
40
D003
OUT
V
S
Time(8 s/div)
m
120
100
80
60
40
20
0
0
5
10
15
20
25
30
Time(s)
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
160
180
200
Time(s)
Temperature (qC)
-20
0
20
40
60
80
100
120
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
D001
30 Units
10
9
8
7
6
5
4
3
2
1
0
-60
-40
-20
0
20
40
60
80
100
140
Temperature( C)
°
V =3.6V
S
V =3.3V
S
V =1.4V
S
120
6
TMP303
SBOS486G – JULY 2009 – REVISED JULY 2017
www.ti.com
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7.6 Typical Characteristics
At VS = 3.3 V and TA = 25°C, unless otherwise noted.
Figure 1. Trip Accuracy Error vs Temperature
Figure 2. Quiescent Current vs Temperature
Figure 3. Temperature Step Response in Perfluorinated
Fluid at 100°C vs Time
Figure 4. Thermal Step Response in Air at 100°C vs Time
Figure 5. Trip Threshold Accuracy at -20°C to 125°C
Figure 6. Power-Up and Power-Down Transient Response


유사한 부품 번호 - TMP303DDRLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP303DDRLT TI1-TMP303DDRLT Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
More results

유사한 설명 - TMP303DDRLT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com