전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3221DDVR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3221DDVR
상세설명  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221DDVR 데이터시트(HTML) 1 Page - Texas Instruments

  TPA3221DDVR Datasheet HTML 1Page - Texas Instruments TPA3221DDVR Datasheet HTML 2Page - Texas Instruments TPA3221DDVR Datasheet HTML 3Page - Texas Instruments TPA3221DDVR Datasheet HTML 4Page - Texas Instruments TPA3221DDVR Datasheet HTML 5Page - Texas Instruments TPA3221DDVR Datasheet HTML 6Page - Texas Instruments TPA3221DDVR Datasheet HTML 7Page - Texas Instruments TPA3221DDVR Datasheet HTML 8Page - Texas Instruments TPA3221DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Power Supply
110VAC->240VAC
TAS5630
30V
TPA3221
Audio Source
And Control
RIGHT
LEFT
LC Filter
LC Filter
RESET
FAULT
1SPW
FREQ_ADJ
OSCM/P
OTW_CLIP
Modulation Mode Select
Switching Frequency Select
5V
Master/Slave Synchronization
Copyright © 2016, Texas Instruments Incorporated
CMUTE
PVDD
GVDD
AVDD
VDD
PBTL
Detect
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPA3221
SLASEE9 – JUNE 2017
TPA3221 100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
1
1 Features
1
Wide 7-V to 30-V Supply Voltage Operation
Stereo (2 x BTL) and Mono (1 x PBTL) Operation
Output Power at 10% THD+N
100-W Stereo into 4 Ω in BTL Configuration
130-W Stereo into 3 Ω in BTL Configuration
200-W Mono into 2 Ω in PBTL Configuration
Output Power at 1% THD+N
80-W Stereo into 4 Ω in BTL Configuration
100-W Stereo into 3 Ω in BTL Configuration
160-W Mono into 2 Ω in PBTL Configuration
5-V Gate Drive or Built-in LDO for Optional Single-
Supply Operation
Closed-Loop Feedback Design
Signal Bandwidth up to 100 kHz for High-
Frequency Content From HD Sources
0.02% THD+N at 1 W into 4 Ω
60-dB PSRR (BTL, No Input Signal)
<75-µV Output Noise (A-Weighted)
>108-dB SNR (A-Weighted)
AD or 1SPW Modulation Schemes
Low-Power Operating Modes
Standby Modes: Mute and < 1 mA Shutdown
Low Idle-Current 1SPW Modulation Scheme
Single-Channel BTL Operation
Multiple Input Options to Simplify Pre-Amp Design
Differential or Single-Ended Analog Inputs
Selectable Gains: 18 dB, 24 dB, 30 dB, 34 dB
Integrated Protection Features: Undervoltage,
Overvoltage, Cycle-by-cycle Current Limit, Short
Circuit, Clipping Detection, Overtemperature
Warning and Shutdown, and DC Speaker
Protection
90% Efficient Class-D Operation (4
Ω)
Pin-Compatible Family of Devices with Voltage
and Power-Level Options
2 Applications
Wireless and Powered Speakers
Soundbars
Subwoofers
Bookshelf Stereo Systems
Professional and Public Address (PA) Speakers
3 Description
TPA3221 is a high-power Class-D amplifier with
amplifier that enables efficient operation at full-power,
idle and standby. The device features closed-loop
feedback with a bandwidth up to 100 kHz, which
provides low distortion across the audio band and
delivers excellent sound quality. The device operates
with either AD or low idle-current 1SPW modulation,
and can drive up to 2 x 100 W into 4-Ω load or 1 x
200 W into 2-Ω load.
The TPA3221 features a single-ended or differential
analog-input interface that supports up to 2 VRMS with
four selectable gains: 18 dB, 24 dB, 30 dB and 34
dB. The TPA3221 also achieves >90% efficiency, low
idle power (< 0.5 W), and ultra-low standby power (<
0.1 W). This is made possible through the use of 70-
mΩ MOSFETs, an optimized gate drive scheme and
low-power operating modes. TPA3221 includes a
built-in LDO for easy integration in single-power-
supply systems. To further simplify the design, the
device
integrates
essential
protection
features,
including undervoltage, overvoltage, cycle-by-cycle
current
limit,
short
circuit,
clipping
detection,
overtemperature warning and shutdown, as well as
dc speaker protection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3221
HTSSOP (44)
6.10 mm x 14.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


유사한 부품 번호 - TPA3221DDVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

유사한 설명 - TPA3221DDVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com