전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1637 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC1637
상세설명  Switched Mode Controller for DC Motor Drive
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC1637 데이터시트(HTML) 4 Page - Texas Instruments

  UC1637 Datasheet HTML 1Page - Texas Instruments UC1637 Datasheet HTML 2Page - Texas Instruments UC1637 Datasheet HTML 3Page - Texas Instruments UC1637 Datasheet HTML 4Page - Texas Instruments UC1637 Datasheet HTML 5Page - Texas Instruments UC1637 Datasheet HTML 6Page - Texas Instruments UC1637 Datasheet HTML 7Page - Texas Instruments UC1637 Datasheet HTML 8Page - Texas Instruments UC1637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UC1637
UC2637
UC3637
MODULATION SCHEMES
Case A Zero Deadtime (Equal voltage on Pin 9 and Pin 11)
In this configuration, maximum holding torque or stiffness
and position accuracy is achieved. However, the power in-
put into the motor is increased. Figure 3A shows this con-
figuration.
Case B Small Deadtime (Voltage on Pin 9 > Pin 11)
A small differential voltage between Pin 9 and 11 provides
the necessary time delay to reduce the chances of mo-
mentary short circuit in the output stage during transi-
tions, especially where power-amplifiers are used. Refer to
Figure 3B.
Case C Increased Deadtime and Deadband Mode
(Voltage on Pin 9 > Pin 11)
With the reduction of stiffness and position accuracy, the
power input into the motor around the null point of the
servo loop can be reduced or eliminated by widening the
window of the comparator circuit to a degree of accep-
tance. Where position accuracy and mechanical stiffness
is unimportant, deadband operation can be used. This is
shown in Figure 3C.
PWM Comparators
Two comparators are provided to perform pulse width
modulation for each of the output drivers. Inputs are un-
committed to allow maximum flexibility. The pulse width of
the outputs A and B is a function of the sign and ampli-
tude of the error signal. A negative signal at Pin 10 and 8
will lengthen the high state of output A and shorten the
high state of output B. Likewise, a positive error signal re-
verses the procedure. Typically, the oscillator waveform is
compared against the summation of the error signal and
the level set on Pin 9 and 11.
Figure 1. Oscillator Setup
Figure 2. Comparator Biasing
Output Drivers
Each output driver is capable of both sourcing and sinking
100mA steady state and up to 500mA on a pulsed basis
for rapid switching of either POWERFET or bipolar tran-
sistors. Output levels are typically -VS + 0.2V @50mA low
level and +VS - 2.0V @50mA high level.
Error Amplifier
The error amplifier consists of a high slew rate (15V/
µs)
op-amp with a typical 1MHz bandwidth and low output im-
pedance. Depending on the
±VS supply voltage, the com-
mon mode input range and the voltage output swing is
within 2V of the VS supply.
Under-Voltage Lockout
An under-voltage lockout circuit holds the outputs in the
low state until a minimum of 4V is reached. At this point,
all internal circuitry is functional and the output drivers are
enabled. If external circuitry requires a higher starting volt-
age, an over-riding voltage can be programmed through
the shutdown terminal as shown in Figure 4.
4


유사한 부품 번호 - UC1637

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1637 TI-UC1637 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
UC1637DW TI-UC1637DW Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
More results

유사한 설명 - UC1637

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_15 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
List of Unclassifed Man...
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
List of Unclassifed Man...
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com