전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JZX-18FF 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 JZX-18FF
상세설명  MINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

JZX-18FF 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  JZX-18FF Datasheet HTML 1Page - List of Unclassifed Manufacturers JZX-18FF Datasheet HTML 2Page - List of Unclassifed Manufacturers JZX-18FF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.5
4
35max.
JZX-18FF/
-4Z3
5.3
0.5
3.5
21.5
8
7
6
12
14
11
10
3
2
4
5
9
13
1
21~21.3
2-
ø3.5
3.5
4
JZX-18FF/
-2Z2 /3Z2
3.5
4
JZX-18FF/
-4Z2
0.5
0.5
0.5
21.5max.
35max.
0.5
0.5
10
9
1
3
14-
5.3
1.2x2.2
2
6
1
5
JZX-18FF/
-4Z1
2.5
0.5
35max.
12
1
4
11
4
8
3
7
21.5max.
2.5
35max.
5.3
2
5
1
4
8
7
1
3
There pins aren't
available for 2 form c
1.2x2.2
8-
JZX-18FF/
-2Z1 /3Z1
35max.
3
6
9
1
4
8
4
21.5max.
12
14
0.5
11
9
13
10
3
7
2
1
6
5
1
1
3
6
9
14
21.5max.
0.5
2
5
8
1
4
7
13
99
1:Type 1(Socket); 2:Type 2 (PCB);
3/4/5:Type 3/4/5 Flange-Mounting ( See the Following )
There pins aren't
available for 2 form C
Coil Source A: AC NIL: DC
JZX-18FF /
A
1
D
012
2Z
Mounting Termination
LED D: With LED NIL: Without LED
Coil voltage DC: 5 to 110VDC AC: 6 to 240VAC
Q
Capacity Q: High capacity NIL: Standard
ORDERING INFORMATION
Type
Contact arrangement 2Z: 2Form C 3Z: 3Form C 4Z: 4Form C
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
PCB layout


유사한 부품 번호 - JZX-18FF

제조업체부품명데이터시트상세설명
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
logo
HuaXinAn Electronics CO...
JZX-18FF HUAXINAN-JZX-18FF Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JZX-18FF2A HUAXINAN-JZX-18FF2A Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
JZX-18FF2B HUAXINAN-JZX-18FF2B Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power.
JZX-18FF2C HUAXINAN-JZX-18FF2C Datasheet
1,008Kb / 1P
   Small size, light weight, heavy reverse power
More results

유사한 설명 - JZX-18FF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com