전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N1187 데이터시트(PDF) 2 Page - Naina Semiconductor ltd.

부품명 1N1187
상세설명  Standard Recovery Diode, 35A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NAINA [Naina Semiconductor ltd.]
홈페이지  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N1187 데이터시트(HTML) 2 Page - Naina Semiconductor ltd.

  1N1187 Datasheet HTML 1Page - Naina Semiconductor ltd. 1N1187 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
1N1187 thru
1N1190R
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
Dimensions for DO-203AB (DO-5) (in millimeters)


유사한 부품 번호 - 1N1187

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1187 IRF-1N1187 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N1187 VISHAY-1N1187 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1187 VISHAY-1N1187 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results

유사한 설명 - 1N1187

제조업체부품명데이터시트상세설명
logo
Naina Semiconductor ltd...
1N1183 NAINA-1N1183 Datasheet
559Kb / 2P
   Standard Recovery Diode, 35A
1N3765 NAINA-1N3765 Datasheet
556Kb / 2P
   Standard Recovery Diode, 35A
logo
TRANSYS Electronics Lim...
SD700C TEL-SD700C Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
16F-10 TEL-16F-10 Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
50PF-40 TEL-50PF-40 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
logo
Nell Semiconductor Co.,...
D1400B NELLSEMI-D1400B Datasheet
3Mb / 3P
   STANDARD RECOVERY DIODE
logo
Nihon Inter Electronics...
EP05DA40 NIEC-EP05DA40 Datasheet
138Kb / 1P
   Standard Recovery Diode
logo
National Instruments Co...
10DDA40_2015 NI-10DDA40_2015 Datasheet
138Kb / 1P
   Standard Recovery Diode
10DDA60_2015 NI-10DDA60_2015 Datasheet
146Kb / 1P
   Standard Recovery Diode
10EDB10_2015 NI-10EDB10_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com