전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMD1210 데이터시트(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

부품명 SMD1210
상세설명  Resettable Fuse PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUAXINAN [HuaXinAn Electronics CO.,LTD]
홈페이지  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMD1210 데이터시트(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  SMD1210 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMD1210 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD1210 Series
Electrical characteristics(25℃)
Part Number
Ih
(A)
It
(A)
Vmax
(V)
Imax
(A)
Pd(W)
Trip
Current(A)
Trip
Time(S)
Rmin
(Ω)
R1max
(Ω)
JK-SMD1210-005
0.05
0.15
60
100
0.6
0.25
1.50
2.8
50
JK-SMD1210-010
0.10
0.30
60
100
0.6
0.50
0.60
0.8
15
JK-SMD1210-020
0.20
0.40
30
100
0.6
8.0
0.02
0.40
5
JK-SMD1210-035
0.35
0.75
30
100
0.6
8.0
0.20
0.20
1.3
JK-SMD1210-035-30V
0.35
0.75
16
100
0.6
8.0
0.20
0.20
1.3
JK-SMD1210-050
0.50
1.00
13.2
100
0.6
8.0
0.10
0.18
0.9
JK-SMD1210-075
0.75
1.50
6
100
0.6
8.0
0.10
0.07
0.4
JK-SMD1210-110
1.10
2.20
6
100
0.6
8.0
0.30
0.05
0.21
JK-SMD1210-110-12V
1.10
2.20
12
100
0.8
8.0
0.30
0.05
0.25
JK-SMD1210-150
1.50
3.00
6
100
0.8
8.0
0.50
0.03
0.21
JK-SMD1210-175
1.75
3.50
6
100
0.8
8.0
0.60
0.02
0.08
JK-SMD1210-200
2.00
4.00
6
100
0.8
8.0
1.00
0.015
0.07
·
IH = Hold current: maximum current device will pass without tripping in 25℃ still air.
·
IT = Trip current: minimum current at which the device will trip in 25℃ still air.
·
VMAXi = Maximum interrupt voltage device can withstand without damage at rated current.
·
IMAX = Maximum fault current device can withstand without damage at rated voltage.
·
RMAX = Maximum resistance of device in initial (un-soldered) state.
·
RMIN = Minimum resistance of device in initial (un-soldered) state.
Packing quantity: 005,010,020,035,110,150,175,200
4500PCS/Reel
Packing quantity: 050,075,
4000PCS/Reel
Operating temperature: -40℃ ~+85℃
Specifications are subject to change without notice
sales@huaandz.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


유사한 부품 번호 - SMD1210

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMD1210 ETC1-SMD1210 Datasheet
85Kb / 2P
   UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
logo
Littelfuse
SMD1210 LITTELFUSE-SMD1210 Datasheet
88Kb / 2P
   This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
logo
Diodes Incorporated
SMD1210 DIODES-SMD1210 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
382Kb / 6P
   Resettable Fuse PTC SMD1210 Series
SMD1210 HUAXINAN-SMD1210 Datasheet
412Kb / 8P
   Low Resistance Resettable Fuse PTC SMD1210 Series
More results

유사한 설명 - SMD1210

제조업체부품명데이터시트상세설명
logo
HuaXinAn Electronics CO...
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
JK600110U HUAXINAN-JK600110U Datasheet
185Kb / 2P
   Resettable Fuse PTC
JK16300 HUAXINAN-JK16300 Datasheet
277Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com