전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320C30GBM50 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SM320C30GBM50
상세설명  DIGITAL SIGNAL PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C30GBM50 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SM320C30GBM50 Datasheet HTML 3Page - Texas Instruments SM320C30GBM50 Datasheet HTML 4Page - Texas Instruments SM320C30GBM50 Datasheet HTML 5Page - Texas Instruments SM320C30GBM50 Datasheet HTML 6Page - Texas Instruments SM320C30GBM50 Datasheet HTML 7Page - Texas Instruments SM320C30GBM50 Datasheet HTML 8Page - Texas Instruments SM320C30GBM50 Datasheet HTML 9Page - Texas Instruments SM320C30GBM50 Datasheet HTML 10Page - Texas Instruments SM320C30GBM50 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
SMJ320C30
DIGITAL SIGNAL PROCESSOR
SGUS014H -- FEBRUARY 1991 -- REVISED JUNE 2004
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
pin functions
This section gives signal descriptions for the SMJ320C30 devices in the microprocessor mode. The following
tables list each signal, the number of pins, type of operating mode(s) (that is, input, output, or high-impedance
state as indicated by I, O, or Z, respectively), and a brief function description. All pins labeled NC have special
functions and should not be connected by the user. A line over a signal name (for example, RESET) indicates
that the signal is active low (true at logic-0 level). The signals are grouped according to functions.
Pin Functions
PIN
TYPE
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY
TYPE
DESCRIPTION
WHEN
SIGNAL IS Z TYPE§
PRIMARY BUS INTERFACE
D31--D0
32
I/O/Z
32-bit data port of the primary bus interface
S
H
A23--A0
24
O/Z
24-bit address port of the primary bus interface
S
H
R
R/W
1
O/Z
Read/write for primary bus interface. R/W is high when a read is performed and low
when a write is performed over the parallel interface.
S
H
R
STRB
1
O/Z
External access strobe for the primary bus interface
S
H
RDY
1
I
Ready. RDY indicates that the external device is prepared for a primary bus interface
transaction to complete.
HOLD
1
I
Hold for primary bus interface. When HOLD is a logic low, any ongoing transaction
is completed. A23--A0, D31--D0, STRB, and R/W are in the high-impedance state
and all transactions over the primary bus interface are held until HOLD becomes a
logic high or the NOHOLD bit of the primary bus control register is set.
HOLDA
1
O/Z
Hold acknowledge for primary bus interface. HOLDA is generated in response to a
logic low on HOLD.HOLDA indicates that A23--A0, D31--D0, STRB, and R/W are
in the high-impedance state and that all transactions over the bus are held. HOLDA
is high in response to a logic high of HOLD or when the NOHOLD bit of the primary
bus control register is set.
S
EXPANSION BUS INTERFACE
XD31--XD0
32
I/O/Z
32-bit data port of the expansion bus interface
S
R
XA12--XA0
13
O/Z
13-bit address port of the expansion bus interface
S
R
XR/W
1
O/Z
Read/write signal for expansion bus interface. When a read is performed, XR/W is
held high; when a write is performed, XR/W is low.
S
R
MSTRB
1
O/Z
External memory access strobe for the expansion bus interface
S
IOSTRB
1
O/Z
External I/O access strobe for the expansion bus interface
S
XRDY
1
I
Ready signal. XRDY indicates that the external device is prepared for an expansion
bus interface transaction to complete.
CONTROL SIGNALS
RESET
1
I
Reset. When RESET is a logic low, the device is in the reset condition. When RESET
becomes a logic high, execution begins from the location specified by the reset vector.
INT3--INT0
4
I
External interrupts
IACK
1
O/Z
Interrupt acknowledge. IACK is set to a logic high by the IACK instruction. IACK can
be used to indicate the beginning or end of an interrupt-service routine.
S
MC/MP
1
I
Microcomputer/microprocessor mode
XF1, XF0
2
I/O/Z
External flags. XF1 and XF0 are used as general-purpose I/Os or to support
interlocked processor instructions.
S
R
I = input, O = output, Z = high-impedance state, NC = no connect
For GB package
§ S=SHZ active, H = HOLD active, R = RESET active


유사한 부품 번호 - SM320C30GBM50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320C30GBM50 TI-SM320C30GBM50 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM50 TI1-SM320C30GBM50 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - SM320C30GBM50

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com