전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7567B 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LA7567B
상세설명  LA7567B, LA7567BM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567B 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LA7567B Datasheet HTML 4Page - Sanyo Semicon Device LA7567B Datasheet HTML 5Page - Sanyo Semicon Device LA7567B Datasheet HTML 6Page - Sanyo Semicon Device LA7567B Datasheet HTML 7Page - Sanyo Semicon Device LA7567B Datasheet HTML 8Page - Sanyo Semicon Device LA7567B Datasheet HTML 9Page - Sanyo Semicon Device LA7567B Datasheet HTML 10Page - Sanyo Semicon Device LA7567B Datasheet HTML 11Page - Sanyo Semicon Device LA7567B Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LA7567B, 7567BM
No.5765-8/15
応用回路例 (2)
SIF, 1st SIF, AFT, RF AGCを使用しないとき
(1) SIF回路を使用しないとき
1, 23, 24ピン オープン
2ピン-GND間に2kΩをつける。
(2) 1st SIF回路を使用しないとき
3, 4, 22, 15ピン オープン
16ピン GND
(3) AFT回路を使用しないとき
AFTディフィートの方法がないので、13ピンGND間に抵抗100kΩとコンデンサ0.01μFをパラレルにつけること。
(4) RF AGC回路を使用しないとき
14, 21ピン オープン
21ピンGND間には、0.01μFをつけておくこと (発振防止)。
1k
Ω
330
Ω
FM
DET
SAW
(S)
RF
AGC
IF
AGC
AGC
1st
DET
VCO
EQ
AMP
MIX
HPF
HPF
VIDEO
DET
SAW(P)
HPF
AFT
LIM
AMP
VIF
AMP
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
678
9
10
11
12
1st
AMP
+
15
μH
GND
TSF5315
IN PUT
GND
VIDEO
OUT
AFT
OUT
VCC
T00141


유사한 부품 번호 - LA7567B

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com