전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS4576C36GL-33 데이터시트(PDF) 10 Page - GSI Technology

부품명 GS4576C36GL-33
상세설명  576Mb CIO Low Latency DRAM (LLDRAM II)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4576C36GL-33 데이터시트(HTML) 10 Page - GSI Technology

Back Button GS4576C36GL-33 Datasheet HTML 6Page - GSI Technology GS4576C36GL-33 Datasheet HTML 7Page - GSI Technology GS4576C36GL-33 Datasheet HTML 8Page - GSI Technology GS4576C36GL-33 Datasheet HTML 9Page - GSI Technology GS4576C36GL-33 Datasheet HTML 10Page - GSI Technology GS4576C36GL-33 Datasheet HTML 11Page - GSI Technology GS4576C36GL-33 Datasheet HTML 12Page - GSI Technology GS4576C36GL-33 Datasheet HTML 13Page - GSI Technology GS4576C36GL-33 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
GS4576C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2013
10/62
© 2011, GSI Technology
DLL Reset
Mode Register Bit 7 (M7) selects DLL Reset as is shown in the Mode Register Definition tables. The default setting for M7 is Low,
whereby the DLL is disabled. Once M7 is set High, 1024 cycles (5
s at 200 MHz) are needed before a Read command can be
issued. The delay allows the internal clock to be synchronized with the external clock. Failing to wait for synchronization to occur
may result in a violation of the tCKQK parameter. A reset of the DLL is necessary if tCK or VDD is changed after the DLL has
already been enabled. To reset the DLL, set M7 is Low. After waiting tMRSC, an MRS command should be issued to set M7 High.
1024 clock cycles must pass before loading the next Read command.
Driver Impedance Mapping
The LLDRAM II is equipped with programmable impedance output buffers. Setting Mode Register Bit 8 (M8) High during the
MRS command activates the feature. Programmable impedance output buffers allow the user to match the driver impedance to the
PCB trace impedance. To adjust the impedance, an external resistor (RQ) is connected between the ZQ ball and V
SS. The value of
the resistor must be five times the desired impedance (e.g., a 300
 resistor produces an output impedance of 60). RQ values of
125
–300 are supported, allowing an output impedance range of 25–60 (+/- 15 %).
The drive impedance of uncompensated output transistors can change over time due to changes in supply voltage and die
temperature. When drive impedance control is enabled in the MRS, the value of RQ is periodically sampled and any needed
impedance update is made automatically. Updates do not affect normal device operation or signal timing.
When Bit M8 is set Low during the MRS command, the output compensation circuits are still active but reference an internal
resistance reference. The internal reference is imprecise and subject to temperature and voltage variations so output buffers are set
to a nominal output impedance of 50
, but are subject to a ±30 percent variance over the Commercial temperature range of the
device.


유사한 부품 번호 - GS4576C36GL-33

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
More results

유사한 설명 - GS4576C36GL-33

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com