전자부품 데이터시트 검색엔진 |
|
GS8128218GB-200V 데이터시트(PDF) 4 Page - GSI Technology |
|
GS8128218GB-200V 데이터시트(HTML) 4 Page - GSI Technology |
4 / 35 page GS8128218/36(GB/GD)-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 5/2017 4/34 © 2015, GSI Technology 119-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs An I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high BW I Byte Write—Writes all enabled bytes; active low GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) SCD I Single Cycle Deselect/Dual Cyle Deselect Mode Control TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock VDD I Core power supply VSS I I/O and Core Ground VSS I I/O and Core Ground VDDQ I Output driver power supply NC — No Connect |
유사한 부품 번호 - GS8128218GB-200V |
|
유사한 설명 - GS8128218GB-200V |