전자부품 데이터시트 검색엔진 |
|
GS8128236GB-333V 데이터시트(PDF) 10 Page - GSI Technology |
|
GS8128236GB-333V 데이터시트(HTML) 10 Page - GSI Technology |
10 / 35 page GS8128218/36(GB/GD)-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 5/2017 10/34 © 2015, GSI Technology Byte Write Truth Table Function GW BW BA BB BC BD Notes Read H H X X X X 1 Write No Bytes H L H H H H 1 Write byte a H L L H H H 2, 3 Write byte b H L H L H H 2, 3 Write byte c H L H H L H 2, 3, 4 Write byte d H L H H H L 2, 3, 4 Write all bytes H L L L L L 2, 3, 4 Write all bytes L X X X X X Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs, BA, BB, BC and/or BD. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes “C” and “D” are only available on the x32 and x36 versions. |
유사한 부품 번호 - GS8128236GB-333V |
|
유사한 설명 - GS8128236GB-333V |