전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUA120-D19 데이터시트(PDF) 2 Page - Vitec Power

부품명 STUA120-D19
상세설명  120W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA120-D19 데이터시트(HTML) 2 Page - Vitec Power

  STUA120-D19 Datasheet HTML 1Page - Vitec Power STUA120-D19 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=90~260VAC
0.95
0.97
1.0
Output Power Range
Vin=90 to 264 VAC
0
120
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.7
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=115VAC
16
20
A
High Line Inrush Current
Io=Full load, 25°C,Cool start, Vin=230VAC
46
51
A
Efficiency
Io=Full load, Vin=230VAC
70
80
88
%
Line Regulation
Io=Full load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full load to Half Load, Vin=S00VAC
4
mS
Hold-Up Time
Io=Full load, Vin=1S0VAC
16
mS
Start Up Time
Io=Full load, Vin=S00VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN Out
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
(Optional)
STUA120-SXX-13PIN
OUT
OUT
OUT
OUT
OUT
OUT
RTN
RTN
RTN
RTN
RTN
RTN
PFD
STUA120-D19-13PIN
N/C
N/C
Vo1
Vo1
Vo1
Vo1
COM COM COM
Vo3 COM COM
PFD
STUA120-D15-13PIN
N/C
N/C
Vo1
Vo1
Vo1
Vo1
COM COM COM
Vo3 COM COM
PFD
STUA120-DXX-13PIN
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
COM COM COM
N/C
COM COM
PFD
STUA120-TXX-13PIN
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
COM COM COM
Vo3 COM COM
PFD
Note: Vo1:Output#1 Vo2:Output#2 Vo3:Output#3
Note:
1. Dimensions are shown in mm.
2. Weight: 476~582gs approx.
3. Input connector mates with Molex housing
09-50-3051 and Molex 2478 series crimp terminal.
4. Output connector mates with Molex housing
09-50-3131 and Molex 2478 series crimp terminal.


유사한 부품 번호 - STUA120-D19

제조업체부품명데이터시트상세설명
logo
Vitec Power
STUA120-D19 Vitec-STUA120-D19 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
More results

유사한 설명 - STUA120-D19

제조업체부품명데이터시트상세설명
logo
Vitec Power
STUA120-SERIES Vitec-STUA120-SERIES Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA250-SERIES Vitec-STUA250-SERIES Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80 Vitec-STUA80 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com