전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM40N03 데이터시트(PDF) 4 Page - First Components International

부품명 FM40N03
상세설명  40A 03V N Channel Mosfet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

FM40N03 데이터시트(HTML) 4 Page - First Components International

  FM40N03 Datasheet HTML 1Page - First Components International FM40N03 Datasheet HTML 2Page - First Components International FM40N03 Datasheet HTML 3Page - First Components International FM40N03 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
F igure 9. G a te C ha rge
Q g, T otal G ate C harge (nC )
F igure 10. Ma ximum S a fe
O pera ting Area
V DS , Drain-S ource V oltage (V )
6
10
8
6
4
2
0
0
5
10
15
20
25
30
35
40
V DS =10V
ID=40A
300
200
100
10
0.5
0.1
1
110
30
60
V GS =10V
S ingle P uls e
T c=25 C
R
DS
(O
N)
L
im
it
DC
1s
100m
s
10m
s
1m
s
F igure 11. S witching T es t C ircuit
F igure 12. S witching W aveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
S quare W ave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
INVE R TE D
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E
V DD
R
D
V
V
R
S
V
G
GS
IN
GE N
OUT
L
40A 03V N Channel Mosfet


유사한 부품 번호 - FM40N03

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
More results

유사한 설명 - FM40N03

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
KNX9103A KIA-KNX9103A Datasheet
120Kb / 4P
   40A, 30V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOK40N30 AOSMD-AOK40N30 Datasheet
326Kb / 5P
   300V,40A N-Channel MOSFET
logo
Unisonic Technologies
UT45N03 UTC-UT45N03 Datasheet
247Kb / 5P
   40A, 25V N-CHANNEL POWER MOSFET
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
   40A, 30V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
KNX9130A KIA-KNX9130A Datasheet
494Kb / 7P
   40A竊?00V N-CHANNEL MOSFET
40N20A KIA-40N20A Datasheet
277Kb / 5P
   40A竊?00V N-CHANNEL MOSFET
logo
Unisonic Technologies
40N15 UTC-40N15 Datasheet
151Kb / 3P
   40A, 150V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
40N10 CHONGQING-40N10 Datasheet
194Kb / 2P
   40A mps,100 Volts N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com