전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDA65-S09 데이터시트(PDF) 2 Page - Vitec Power

부품명 STDA65-S09
상세설명  80W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA65-S09 데이터시트(HTML) 2 Page - Vitec Power

  STDA65-S09 Datasheet HTML 1Page - Vitec Power STDA65-S09 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input
Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.9
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
1.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
26
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
48
55
A
Efficiency
Io=Full Load, Vin=230VAC
75
83
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load,
Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0 .5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
*
Note: The Ripple & Noise which is under 3.3VDC at 2% max
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: approx. 570~750g approx.
(Exclude the input cord)
3.
Optional output connector.


유사한 부품 번호 - STDA65-S09

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA65-403 Vitec-STDA65-403 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-403 Vitec-STDA65-403 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-D00 Vitec-STDA65-D00 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-D00 Vitec-STDA65-D00 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-D01 Vitec-STDA65-D01 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
More results

유사한 설명 - STDA65-S09

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA150 Vitec-STDA150 Datasheet
411Kb / 2P
   150W Desktop Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com