전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDA130-S03 데이터시트(PDF) 1 Page - Vitec Power

부품명 STDA130-S03
상세설명  130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA130-S03 데이터시트(HTML) 1 Page - Vitec Power

  STDA130-S03 Datasheet HTML 1Page - Vitec Power STDA130-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA130 SERIES
130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
Wide Input Voltage 90 to 260 VAC, 47 to 63Hz
Single and Dual Output
Optional output connector plug
Output voltage available from 3 VDC to 55 VDC
Input Surge Current and Overload protection
Active Power Factor Correction
Option: Mounting Tab or Desktop
Long Hold Up Time (50ms)
Class I Insulation
Cooling Fan Included
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STDA130-S01
3 - 5 VDC
30.00 - 18.00 A
7%
90W
STDA130-S02
5 - 6 VDC
23.00 - 19.16 A
7%
115W
STDA130-S03
6 - 8 VDC
21.60 - 16.25 A
7%
130W
STDA130-S04
8 - 11 VDC
16.25 - 11.80 A
5%
130W
STDA130-S05 *
11 - 13 VDC
11.80 - 10.00 A
5%
130W
STDA130-S06
13 - 16 VDC
10.00 - 8.12 A
5%
130W
STDA130-S07
16 - 21 VDC
8.12 - 6.19 A
5%
130W
STDA130-S08
21 - 27 VDC
6.19 - 4.81 A
5%
130W
STDA130-S09
27 - 33 VDC
4.81 - 3.93 A
5%
130W
STDA130-S10
33 - 40 VDC
3.93 - 3.25 A
3%
130W
STDA130-S11
40 - 50 VDC
3.25 - 2.60 A
3%
130W
STDA130-S12 *
50 - 55 VDC
2.60 - 2.36 A
3%
130W
Multi Output
Product Number
Output #1
Output #2
Maximum Output Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STDA130-D00 *
+3.3V
4A
20A
7%
+12V
0A
2A
5%
90W
STDA130-D01
+5V
4A
20A
7%
+12V
0A
2A
5%
120W
STDA130-D01-1
+5V
2A
10A
5%
+12V
1A
5A
10%
110W
STDA130-D02
+5V
4A
20A
7%
+15V
0A
2A
5%
120W
STDA130-D03
+5V
4A
20A
7%
+24V
0.2A
2A
5%
120W
Mark " * " means " FCC approval "
The model number of S01~S12 had been approved by CCC.
The model number of S11 had been approved by KC.


유사한 부품 번호 - STDA130-S03

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA130-S03 Vitec-STDA130-S03 Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
More results

유사한 설명 - STDA130-S03

제조업체부품명데이터시트상세설명
logo
Vitec Power
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
SIDA130 Vitec-SIDA130 Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
SIDA130-SERIES Vitec-SIDA130-SERIES Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
SMDA130 Vitec-SMDA130 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
SMDA130-SERIES Vitec-SMDA130-SERIES Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com