전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1666 데이터시트(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 KTA1666
상세설명  Silicon PNP transistor in a SOT-89 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTA1666 데이터시트(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTA1666 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1666 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1666 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1666 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1666 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1666 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KTA1666
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT-89
1,000
7
7,000
8
56,000
7〞×12
180×120×180
385×257×392
使用说明 / Notices


유사한 부품 번호 - KTA1666

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1666 KEC-KTA1666 Datasheet
407Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
logo
Weitron Technology
KTA1666 WEITRON-KTA1666 Datasheet
332Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
KTA1666 HTSEMI-KTA1666 Datasheet
370Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1666 WINNERJOIN-KTA1666 Datasheet
128Kb / 1P
   TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1666 HOTTECH-KTA1666 Datasheet
222Kb / 2P
   Plastic-Encapsulate Transistors
More results

유사한 설명 - KTA1666

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
MMBTA92T FOSHAN-MMBTA92T Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB798 FOSHAN-2SB798 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1203 FOSHAN-2SA1203 Datasheet
818Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1260 FOSHAN-2SB1260 Datasheet
669Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
MMBT5401T FOSHAN-MMBT5401T Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Rectron Semiconductor
8850T RECTRON-8850T Datasheet
363Kb / 7P
   Silicon PNP transistor in a SOT-89 Plastic Package.
logo
Foshan Blue Rocket Elec...
2SA1213 FOSHAN-2SA1213 Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
PBSS5350X FOSHAN-PBSS5350X Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB766A FOSHAN-2SB766A Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com