전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1523 데이터시트(PDF) 1 Page - NTE Electronics

부품명 NTE1523
상세설명  Integrated Circuit Dual, Low Noise Preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1523 데이터시트(HTML) 1 Page - NTE Electronics

  NTE1523 Datasheet HTML 1Page - NTE Electronics NTE1523 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1523
Integrated Circuit
Dual, Low Noise Preamp
Features:
D General–Purpose Pre–Amplifier
D Low Noise Dual Pre–Amplifier
D Low Noise 1.2µVrms Equivalent Input Noise
D Channel Separation 55dB (Min)
D Operating Supply Voltage Range: VCC = 6V to 15V
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–30
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VCC = 8V, RL = 10kΩ, Rg = 600Ω, f = 1kHz, TA = +25°C unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
VIN = 0
7.5
14
mA
Voltage Gain (Open Loop)
GVO
Rf = 0/Cf = 100µF
62
70
dB
Maximum Output Voltage
VOM
THD = 0.5%
1.2
1.95
Vrms
Input Resistance
RIN
50
k
Equivalent Input Noise Voltage
VNI
Rg = 2.2kΩ
1.2
2.7
µVrms
Cross Talk
CT
f = 10kHz, Rg = 2.2kΩ
–55
–65
dB


유사한 부품 번호 - NTE1523

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE152 NTE-NTE152 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE1522 NTE-NTE1522 Datasheet
79Kb / 2P
   Integrated Circuit B/W Video IF
NTE1527 NTE-NTE1527 Datasheet
82Kb / 2P
   Integrated Circuit FM, IF Amp/AFC & Meter Driver
NTE1529 NTE-NTE1529 Datasheet
19Kb / 2P
   Integrated Circuit Dual OP Amp
More results

유사한 설명 - NTE1523

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE983 NTE-NTE983 Datasheet
19Kb / 2P
   Integrated Circuit Low Noise Dual Preamp
NTE1087 NTE-NTE1087 Datasheet
18Kb / 2P
   Integrated Circuit Low Noise Preamp
NTE1052 NTE-NTE1052 Datasheet
76Kb / 1P
   Integrated Circuit Low Noise Preamp
NTE725 NTE-NTE725 Datasheet
24Kb / 3P
   Integrated Circuit Dual Low Noise Preamp/OP Amp
NTE1085 NTE-NTE1085 Datasheet
18Kb / 2P
   Integrated Circuit Low Noise Audio Preamp
NTE1577 NTE-NTE1577 Datasheet
27Kb / 4P
   Integrated Circuit Dual, Low Noise Preamp w/Auto Reverse
NTE1195 NTE-NTE1195 Datasheet
20Kb / 2P
   Integrated Circuit Low Noise, High Gain Preamp
NTE1730 NTE-NTE1730 Datasheet
18Kb / 2P
   Integrated Circuit Dual Preamp
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
   Integrated Circuit Dual Audio Preamp
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com