전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM203 데이터시트(PDF) 6 Page - Formosa MS

부품명 FM203
상세설명  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM203 데이터시트(HTML) 6 Page - Formosa MS

  FM203 Datasheet HTML 1Page - Formosa MS FM203 Datasheet HTML 2Page - Formosa MS FM203 Datasheet HTML 3Page - Formosa MS FM203 Datasheet HTML 4Page - Formosa MS FM203 Datasheet HTML 5Page - Formosa MS FM203 Datasheet HTML 6Page - Formosa MS FM203 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Formosa MS
FM201 THRU FM207
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
oo
CC
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
Chip General Purpose Rectifiers
Reel packing
SMA
7"
2,000
4.0
20,000
183*155*183
178
382*356*392
160,000
16.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
SMA
13"
7,500
4.0
15,000
335*335*38
330
350*330*360
120,000
14.5
DS-121107
2008/02/10
2015/10/12
E
7


유사한 부품 번호 - FM203

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM203 RECTRON-FM203 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM203 FORMOSA-FM203 Datasheet
67Kb / 2P
   Glass passivated type
FM203-BS FORMOSA-FM203-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM203-L FORMOSA-FM203-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM203-L FORMOSA-FM203-L Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
More results

유사한 설명 - FM203

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-S FORMOSA-FM4001-S Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com