전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM205 데이터시트(PDF) 5 Page - Formosa MS

부품명 FM205
상세설명  Chip General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM205 데이터시트(HTML) 5 Page - Formosa MS

  FM205 Datasheet HTML 1Page - Formosa MS FM205 Datasheet HTML 2Page - Formosa MS FM205 Datasheet HTML 3Page - Formosa MS FM205 Datasheet HTML 4Page - Formosa MS FM205 Datasheet HTML 5Page - Formosa MS FM205 Datasheet HTML 6Page - Formosa MS FM205 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Packing information
Item
Tolerance
SMA
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330.00
178.00
50.00
62.00
13.00
1.75
5.50
4.00
4.00
2.00
0.23
12.00
18.00
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Page 5
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
2.80
5.00
1.90
Formosa MS
FM201 THRU FM207
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Chip General Purpose Rectifiers
DS-121107
2008/02/10
2015/10/12
E
7


유사한 부품 번호 - FM205

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM205 RECTRON-FM205 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM205 FORMOSA-FM205 Datasheet
67Kb / 2P
   Glass passivated type
FM205-BS FORMOSA-FM205-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM205-L FORMOSA-FM205-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM205-L FORMOSA-FM205-L Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
More results

유사한 설명 - FM205

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM301-BS FORMOSA-FM301-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-MH1 FORMOSA-FM4001-MH1 Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-S FORMOSA-FM4001-S Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001-L FORMOSA-FM4001-L_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
HFM201 FORMOSA-HFM201_17 Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM4001 FORMOSA-FM4001_17 Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com