전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMBT3906 데이터시트(PDF) 7 Page - Formosa MS

부품명 FMBT3906
상세설명  SMD PNP Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906 데이터시트(HTML) 7 Page - Formosa MS

Back Button FMBT3906_17 Datasheet HTML 2Page - Formosa MS FMBT3906_17 Datasheet HTML 3Page - Formosa MS FMBT3906_17 Datasheet HTML 4Page - Formosa MS FMBT3906_17 Datasheet HTML 5Page - Formosa MS FMBT3906_17 Datasheet HTML 6Page - Formosa MS FMBT3906_17 Datasheet HTML 7Page - Formosa MS FMBT3906_17 Datasheet HTML 8Page - Formosa MS FMBT3906_17 Datasheet HTML 9Page - Formosa MS FMBT3906_17 Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Suggested solder pad layout
Page 7
SOT-23
Dimensions in inches and (millimeters)
0.035(0.90)
0.031(0.80)
0.079(2.0)
0.037(0.95)
0.037(0.95)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Pinning information
PinB
Base
PinC
Collector
PinE
Emitter
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
2A
B
C
E
E
C
B
Formosa MS
FMBT3906
Document ID
Issued Date
Revised Date
Revision
Page.
FMBT3906
SMD PNP Transistor
DS-231113
2008/02/10
2012/01/11
F
10


유사한 부품 번호 - FMBT3906_17

제조업체부품명데이터시트상세설명
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
   200mA Silicon PNP Epitaxial Planar Transistor
More results

유사한 설명 - FMBT3906_17

제조업체부품명데이터시트상세설명
logo
Formosa MS
FMBT2907AW FORMOSA-FMBT2907AW Datasheet
71Kb / 9P
   PNP SMD Transistor
FMBT3906W FORMOSA-FMBT3906W Datasheet
135Kb / 10P
   SMD PNP Transistor
FMBT4403 FORMOSA-FMBT4403_17 Datasheet
232Kb / 10P
   SMD PNP Transistor
logo
TAITRON Components Inco...
MMBTA92 TAITRON-MMBTA92 Datasheet
162Kb / 3P
   SMD High Voltage Transistor (PNP)
BC856A TAITRON-BC856A Datasheet
165Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT2907A TAITRON-MMBT2907A Datasheet
157Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT3906 TAITRON-MMBT3906 Datasheet
234Kb / 4P
   SMD General Purpose Transistor (PNP)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA55 TAITRON-MMBTA55 Datasheet
202Kb / 3P
   SMD General Purpose Transistor (PNP)
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com