전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMBT3906 데이터시트(PDF) 10 Page - Formosa MS

부품명 FMBT3906
상세설명  SMD PNP Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906 데이터시트(HTML) 10 Page - Formosa MS

Back Button FMBT3906_17 Datasheet HTML 2Page - Formosa MS FMBT3906_17 Datasheet HTML 3Page - Formosa MS FMBT3906_17 Datasheet HTML 4Page - Formosa MS FMBT3906_17 Datasheet HTML 5Page - Formosa MS FMBT3906_17 Datasheet HTML 6Page - Formosa MS FMBT3906_17 Datasheet HTML 7Page - Formosa MS FMBT3906_17 Datasheet HTML 8Page - Formosa MS FMBT3906_17 Datasheet HTML 9Page - Formosa MS FMBT3906_17 Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
High reliability test capabilities
FMBT3906
Document ID
Issued Date
Revised Date
Revision
Page.
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity
Resistance to Soldering Heat
Reverse
Bias
P =225mW Test Duration:1000hrs
Tj 150
V
80
related volage 1000hrs
55
15min
to 150
15min Air to Air Transition Time 20sec Test Cycles 1000cycle
P 2atm Ta 121
RH 100
Test Duration 96hrs
150
Test Duration 1000hrs
245
5sec
Ta 85
85 RH
V
80
related volage 1000hrs
260
10sec
D
CE
CE
=,
=
%
,
-(
)
(
)
<
:
==
=
%
:
:
=,
%
,
=
%
,
℃℃
Ta
=
,
,
Item Test
Conditions
SMD PNP Transistor
DS-231113
2008/02/10
2012/01/11
F
10


유사한 부품 번호 - FMBT3906_17

제조업체부품명데이터시트상세설명
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
   200mA Silicon PNP Epitaxial Planar Transistor
More results

유사한 설명 - FMBT3906_17

제조업체부품명데이터시트상세설명
logo
Formosa MS
FMBT2907AW FORMOSA-FMBT2907AW Datasheet
71Kb / 9P
   PNP SMD Transistor
FMBT3906W FORMOSA-FMBT3906W Datasheet
135Kb / 10P
   SMD PNP Transistor
FMBT4403 FORMOSA-FMBT4403_17 Datasheet
232Kb / 10P
   SMD PNP Transistor
logo
TAITRON Components Inco...
MMBTA92 TAITRON-MMBTA92 Datasheet
162Kb / 3P
   SMD High Voltage Transistor (PNP)
BC856A TAITRON-BC856A Datasheet
165Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT2907A TAITRON-MMBT2907A Datasheet
157Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT3906 TAITRON-MMBT3906 Datasheet
234Kb / 4P
   SMD General Purpose Transistor (PNP)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA55 TAITRON-MMBTA55 Datasheet
202Kb / 3P
   SMD General Purpose Transistor (PNP)
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com