전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM4007 데이터시트(PDF) 3 Page - Formosa MS

부품명 SM4007
상세설명  MELF General Purpose Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

SM4007 데이터시트(HTML) 3 Page - Formosa MS

  SM4007 Datasheet HTML 1Page - Formosa MS SM4007 Datasheet HTML 2Page - Formosa MS SM4007 Datasheet HTML 3Page - Formosa MS SM4007 Datasheet HTML 4Page - Formosa MS SM4007 Datasheet HTML 5Page - Formosa MS SM4007 Datasheet HTML 6Page - Formosa MS SM4007 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
.1
1.0
10
100
Rating and characteristic curves (SM4001 THRU SM4007)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
T =125 C
J
T =25 C
J
0.2
0
0.4
0.6
0.8
1.0
1.2
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
T =25 C
J
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100
0
20
40
60
80
100
120
140
160
180
200
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-221102
2008/02/10
2010/03/10
C
7
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method


유사한 부품 번호 - SM4007

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
SM4007 RECTRON-SM4007 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4007 BILIN-SM4007 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
SM4007 DIOTEC-SM4007 Datasheet
112Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
Bytes
SM4007 BYTES-SM4007 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4007 UNIOHM-SM4007 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

유사한 설명 - SM4007

제조업체부품명데이터시트상세설명
logo
Formosa MS
GL34A FORMOSA-GL34A_17 Datasheet
96Kb / 7P
   MINI-MELF General Purpose Rectifier
logo
Sensitron
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com