전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU808 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 BU808
상세설명  HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

BU808 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  BU808 Datasheet HTML 1Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 2Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 3Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
C
3.3
3.8
0.130
0.149
D
2.9
3.1
0.114
0.122
D1
1.88
2.08
0.074
0.081
E
0.75
1
0.029
0.039
F
1.05
1.25
0.041
0.049
G
10.8
11.2
0.425
0.441
H
15.8
16.2
0.622
0.637
L1
20.8
21.2
0.818
0.834
L2
19.1
19.9
0.752
0.783
L3
22.8
23.6
0.897
0.929
L4
40.5
42.5
1.594
1.673
L5
4.85
5.25
0.190
0.206
L6
20.25
20.75
0.797
0.817
M
3.5
3.7
0.137
0.145
N
2.1
2.3
0.082
0.090
U
4.6
0.181
L1
M
L6
123
L5
L4
N
L3
L2
P025C
ISOWATT218 MECHANICAL DATA
BU808DFI
6/7


유사한 부품 번호 - BU808

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BU808 STMICROELECTRONICS-BU808 Datasheet
72Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
Won-Top Electronics
BU808 WTE-BU808 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
BU808 JGD-BU808 Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
BU808 DIODES-BU808 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
Fuji Electric
BU808 FUJI-BU808 Datasheet
641Kb / 1P
   8 AMP SILICON BRIDGE RECTIFIER
More results

유사한 설명 - BU808

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BU808DFP STMICROELECTRONICS-BU808DFP Datasheet
71Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
Sunspirit Electronic Lt...
BU808DFI-LF SUNSPIRIT-BU808DFI-LF Datasheet
1Mb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
STMicroelectronics
BU808DFI STMICROELECTRONICS-BU808DFI Datasheet
72Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
BU808DFX STMICROELECTRONICS-BU808DFX Datasheet
266Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
April 2007
BU808DFH STMICROELECTRONICS-BU808DFH Datasheet
222Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
April 2002
logo
Sunspirit Electronic Lt...
BU808DFX-LF SUNSPIRIT-BU808DFX-LF Datasheet
1Mb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
logo
NTE Electronics
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
   MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
   MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com