전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1781K 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 2SD1781K
상세설명  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1781K 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1781K Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1781K Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1781K Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1781K Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1781K Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1781K Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1781K
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
32
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current
IC(DC)
800
mA
Collector Current(pulse)
IC(pulse)
1.5
A
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector-Base Breakdown
Voltage
VCBO
IC =50μA
IE=0
40
V
Collector-Emitter Breakdown
Voltage
VCEO
IC =1.0mA
IB=0
32
V
Emitter-Base Breakdown Voltage
VEBO
IE=50μA
IC=0
5.0
V
Collector Cut-Off Current
ICBO
VCB=20V
IE=0
0.5
μA
Emitter Base Cut-Off Current
IEBO
VEB=4.0V
Ic=0
0.5
μA
DC Current Gain
hFE
VCE=3.0V
IC=100mA
120
390
Collector to Emitter Saturation
Voltage
VCE(sat)
Ic=500mA
IB=50mA
0.4
V
Transition Frequency
fT
VCE=5.0V
IC=50mA
f=100MHz
150
MHz
Collector Output Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
10
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - 2SD1781K

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1781K ROHM-2SD1781K Datasheet
93Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SD1781K ROHM-2SD1781K Datasheet
53Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
Guangdong Kexin Industr...
2SD1781K KEXIN-2SD1781K Datasheet
37Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1781K SECOS-2SD1781K Datasheet
702Kb / 2P
   NPN Silicon Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD1781K WINNERJOIN-2SD1781K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
More results

유사한 설명 - 2SD1781K

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com