전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3253-C 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3253-C
상세설명  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3253-C 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM3253-C Datasheet HTML 3Page - Texas Instruments LM3253-C Datasheet HTML 4Page - Texas Instruments LM3253-C Datasheet HTML 5Page - Texas Instruments LM3253-C Datasheet HTML 6Page - Texas Instruments LM3253-C Datasheet HTML 7Page - Texas Instruments LM3253-C Datasheet HTML 8Page - Texas Instruments LM3253-C Datasheet HTML 9Page - Texas Instruments LM3253-C Datasheet HTML 10Page - Texas Instruments LM3253-C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used (L = 1.5 µH, DCR = 90 m
Ω, TOKO DFE252010C (1269AS-H-1R5N), CIN = 10 µF, 6.3V, 0402,
Samsung CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 x 1.0 µF + 3300 pF: 6.3V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3V, 0201 Samsung CL03A105MQ3CSN; 6.3V, 01005 Murata GRM022R60J332K).
These parameters are not verified by production testing. Min and Max values are specified over the ambient temperature
range TA = −30°C to 90°C. Typical values are specified at PVIN = VDD = EN = 3.8V, BP = 0V and TA = 25°C unless
otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Time for SW pin to become
tSETUP
EN = LOW-to-HIGH
30
active upon power-up
Turn-on time (time for output
µs
EN = LOW-to-HIGH, VIN = 4.2V,
to reach 90% of final value
tON
VCON = 1.36V, VOUT = 3.4V,
50
after EN LOW-to-HIGH
IOUT ≤ 1 mA
transition)
VIN = 4.2V
Time for VOUT to rise from 0V
RLOAD = 6.8Ω,
to 3V (90% or 2.7V)
VCON = 0V to 1.2V
20
Time for VOUT to fall from
VIN = 4.2V, RLOAD = 6.8Ω,
3.6V to 2.6V (10% or 2.7V)
VCON = 1.44V to 1.04V
Time for VOUT to rise from
VIN = 4.2V, RLOAD = 1.9Ω,
1.8V to 2.8V (90% or 2.7V)
VCON = 0.72V to 1.12V
tRESPONSE
µs
15
Time for VOUT to fall from
VIN = 4.2V, RLOAD = 1.9Ω,
2.8V to 1.8V (10% or 1.9V)
VCON = 1.12V to 0.72V
Time for VOUT to rise from 0V
VIN = 4.2V, RLOAD = 1.9Ω,
to 3.4V (90% or 3.1V)
VCON = 0V to 1.4V
20
Time for VOUT to fall from
VIN = 4.2V, RLOAD = 1.9Ω,
3.4V to 0.4V (10% or 0.7V)
VCON = 1.4V to 0.16V
Time for VOUT to rise from 0V
tBypass
to PVIN after BP LOW-to-
VCON = 0V, IOUT ≤ 1mA
20
HIGH transition (90%)
µs
Bypass turn-on time. Time for
VOUT to rise from 0V to PVIN
tBypass, ON
EN = VIN= 3.8V, IOUT ≤ 1 mA
50
after EN LOW-to-HIGH
transition (90% or 3.24)
VCON = 1.5V, Max value at
Total dropout resistance in
Rtot_drop
VIN = 3.1V,
45
55
m
bypass mode
Inductor ESR
≤ 151 mΩ
Pin input capacitance for BP,
CIN
Test frequency = 100 KHz
5
pF
EN, MODE
Maximum load current in
IOUT
Switcher + ACB
3.0
PWM mode
Maximum output transient
IOUT, PU
3.4
A
pullup current limit
Switcher + ACB(1)
PWM maximum output
IOUT, PD, PWM
−3.0
transient pulldown current limit
Maximum output load current
VIN = 3.8V, VCON < 1V
IOUT, MAX-PFM
85
mA
in PFM mode
MODE = HIGH(1)
−3
+3
%
Linearity in control range of
VIN = 4.2V
(1)
Linearity(2)
VCON = 0.16V to 1.44V
Monotonic in nature
−50
+50
mV
(1)
Current limit is built-in, fixed, and not adjustable.
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3253


유사한 부품 번호 - LM3253-C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3253 TI1-LM3253 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253TME/NOPB TI1-LM3253TME/NOPB Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253TMX/NOPB TI1-LM3253TMX/NOPB Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

유사한 설명 - LM3253-C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com