전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS12181 데이터시트(PDF) 10 Page - Semtech Corporation

부품명 GS12181
상세설명  12G UHD-SDI Retiming Cable Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12181 데이터시트(HTML) 10 Page - Semtech Corporation

Back Button GS12181 Datasheet HTML 6Page - Semtech Corporation GS12181 Datasheet HTML 7Page - Semtech Corporation GS12181 Datasheet HTML 8Page - Semtech Corporation GS12181 Datasheet HTML 9Page - Semtech Corporation GS12181 Datasheet HTML 10Page - Semtech Corporation GS12181 Datasheet HTML 11Page - Semtech Corporation GS12181 Datasheet HTML 12Page - Semtech Corporation GS12181 Datasheet HTML 13Page - Semtech Corporation GS12181 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
GS12181
Final Data Sheet
Rev.5
PDS-060905
October 2016
10 of 68
Semtech
Proprietary & Confidential
www.semtech.com
2.2 DC Electrical Characteristics
Table 2-2: DC Electrical Characteristics
VCC_DDI, VCC_CORE, VDD, VCCO1P8_0, VCCO1P8_1 = +1.8V ±5%, VCCO_0, VCCO_1 = +2.5V ±5%, TA = -40°C to +85°C, unless otherwise
shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC_DDI,
VCC_CORE,
VDD,
VCCO1P8_0,
VCCO1P8_1
1.71
1.8
1.89
V
Supply Voltage - Output
Driver
VCCO_0,
VCCO_1
VCCO = 1.8V
1.71
1.8
1.89
V
1
VCCO = 2.5V
2.38
2.5
2.63
V
1
VCCO = 3.3V
3.14
3.3
3.47
V
1
Power
PD
SDO0/SDO0 enabled,
SDO1/SDO1 disabled
Output Swing = 800mVpp
340
mW
SDO0/SDO0 enabled,
SDO1/SDO1 disabled
Output Swing = 800mVpp
with max pre-emphasis
355
mW
SDO0/SDO0 and
SDO1/SDO1 enabled
Output Swing = 800mVpp
430
mW
SDO0/SDO0 and
SDO1/SDO1 enabled
Output Swing = 800mVpp
with max pre-emphasis
445
mW
SDO0/SDO0 and
SDO1/SDO1 disabled
250
mW
Supply Current – Analog
Core
ICC_CORE
110
132
mA
Supply Current – Trace
Equalizer
ICC_DDI
15
19
mA
Supply Current – Digital
Logic
IDD
14
18
mA
Supply Current – Cable
Driver
ICCO_0 ,ICCO_1
VCCO = 3.3V,
Output Swing = 800mVpp
—22
30
mA
VCCO = 3.3V,
Output Swing = 800mVpp
with max pre-emphasis
—29
37
mA
ICCO1P8_0,
ICCO_1P8_1
Output Swing = 800mVpp
—20
mA
Serial Input Common
Mode Voltage
VCMIN
0.94
1.6
2.525
V
2


유사한 부품 번호 - GS12181

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INE3 SEMTECH-GS12141-INE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12141-INTE3 SEMTECH-GS12141-INTE3 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12190-INE3 SEMTECH-GS12190-INE3 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
More results

유사한 설명 - GS12181

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
[Old version datasheet]   12G UHD-SDI Bidirectional I/O With Integrated Reclocker
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com