전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTD2058 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 KTD2058
상세설명  Silicon NPN transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTD2058 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTD2058 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTD2058 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTD2058 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTD2058 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTD2058 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTD2058 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTD2058
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
7.0
V
Collector Current - Continuous
IC
3.0
A
Base Current
IB
0.5
A
Collector Power Dissipation
PC
2.0
W
Collector Power Dissipation
PC(Tc=25 )
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tsag
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector-Emitter Breakdown
Voltage
VCEO
IC=50mA
IB=0
60
V
Collector Cut-Off Current
ICBO
VCB=60V
IE=0
100
μA
Emitter Cut-Off Current
IEBO
VEB=7.0V
IC=0
100
μA
DC Current Gain
hFE
VCE=5.0V
IC=500mA
60
200
Collector to Emitter Saturation
Voltage
VCE(sat) IC=2.0A
IB=200mA
0.25
1.0
V
Base-Emitter Voltage
VBE
VCE=5.0V
IC=500mA
0.7
1.0
V
Transition Frequency
fT
VCE=5.0V
IC=500mA
3.0
MHz
Collector output capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
35
pF
Turn-On Time
ton
IB1=-IB2=0.2A
0.65
μS
Storage Time
tstg
IB1=-IB2=0.2A
1.3
μS
Fall Time
tf
IB1=-IB2=0.2A
0.65
μS
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - KTD2058

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTD2058 KEC-KTD2058 Datasheet
328Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Inchange Semiconductor ...
KTD2058 ISC-KTD2058 Datasheet
150Kb / 2P
   isc Silicon NPN Power Transistor
logo
Jiangsu Changjiang Elec...
KTD2058 JIANGSU-KTD2058 Datasheet
894Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
KTD2058 SECOS-KTD2058 Datasheet
247Kb / 2P
   3A, 60V P Plastic-Encapsulated Transistor
logo
SHENZHEN KOO CHIN ELECT...
KTD2058 KOOCHIN-KTD2058 Datasheet
227Kb / 2P
   TRANSISTOR (NPN)
More results

유사한 설명 - KTD2058

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SC3834F FOSHAN-2SC3834F Datasheet
947Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC3852 FOSHAN-2SC3852 Datasheet
808Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC5171 FOSHAN-2SC5171 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SD1833 FOSHAN-2SD1833 Datasheet
858Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SD1913 FOSHAN-2SD1913 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
MJE13005DR8 FOSHAN-MJE13005DR8 Datasheet
875Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package
MJE13007V8 FOSHAN-MJE13007V8 Datasheet
847Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package
MJE13007X8 FOSHAN-MJE13007X8 Datasheet
881Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package
2SC4382 FOSHAN-2SC4382 Datasheet
1,015Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC5248 FOSHAN-2SC5248 Datasheet
810Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC5371 FOSHAN-2SC5371 Datasheet
871Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com