전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1504 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 KTA1504
상세설명  Silicon PNP transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTA1504 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTA1504 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1504 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1504 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1504 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1504 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1504 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTA1504
Rev.FApr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current
IC
-150
mA
Base Current
IB
-30
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=-50V  IE=0
-0.1
μA
Emitter Cut-Off Current
IEBO
VEB=-5.0V  IC=0
-0.1
μA
DC Current Gain
hFE
VCE=-6.0V  IC=-2.0mA
70
400
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=-100mA  IB=-10mA
-0.1
-0.3
V
Transition Frequency
fT
VCE=-10V  IC=-1.0mA
80
MHz
Collector Output Capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
4.0
7.0
pF
Noise Figure
NF
VCE=-6.0V
IC=-0.1mA
f=1.0KHz
Rg=10KΩ
1.0
10
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


유사한 부품 번호 - KTA1504

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1504 KEC-KTA1504 Datasheet
260Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Galaxy Semi-Conductor H...
KTA1504 BILIN-KTA1504 Datasheet
230Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTA1504 WEITRON-KTA1504 Datasheet
210Kb / 3P
   PNP General Purpose Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1504 HTSEMI-KTA1504 Datasheet
366Kb / 1P
   TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
   -0.15A , -50V PNP Plastic Encapsulated Transistor
More results

유사한 설명 - KTA1504

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
BCW30 FOSHAN-BCW30 Datasheet
911Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SA1036K FOSHAN-2SA1036K Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB709A FOSHAN-2SB709A Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1295 FOSHAN-2SB1295 Datasheet
632Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC858 FOSHAN-BC858 Datasheet
910Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT4403 FOSHAN-MMBT4403 Datasheet
804Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
FMMT591 FOSHAN-FMMT591 Datasheet
790Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
KSA1182 FOSHAN-KSA1182 Datasheet
698Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com