전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2060 데이터시트(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 2SC2060
상세설명  Silicon NPN transistor in a TO-92LM Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC2060 데이터시트(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC2060 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2SC2060
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-92LM
1,000
8
8,000
5
40,000
135×190
237×172×102
560×245×195
编带包装 / AMMO
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/tape
/纸带
Tape/Inner Box
纸带
/盒
Rows/Inner Box
纸带层
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Inner Box 盒
Outer Box 箱
TO-92LM
2,500
1
100
10
25,000
328×230×42
小箱
480×346×235
大箱
547×407×268
使用说明 / Notices


유사한 부품 번호 - 2SC2060

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SC2060 ETC-2SC2060 Datasheet
519Kb / 1P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Rohm
2SC2060 ROHM-2SC2060 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SC2060 ROHM-2SC2060 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
TRANSYS Electronics Lim...
2SC2060 TEL-2SC2060 Datasheet
55Kb / 1P
   Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC2060 WINNERJOIN-2SC2060 Datasheet
122Kb / 1P
   TRANSISTOR (NPN)
More results

유사한 설명 - 2SC2060

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
KTC3205 FOSHAN-KTC3205 Datasheet
903Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SD882L FOSHAN-2SD882L Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
KTD1347 FOSHAN-KTD1347 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package.
2SC1384 FOSHAN-2SC1384 Datasheet
722Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC3328 FOSHAN-2SC3328 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC2705 FOSHAN-2SC2705 Datasheet
900Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SD667 FOSHAN-2SD667 Datasheet
903Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SD1207 FOSHAN-2SD1207 Datasheet
948Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC1627A FOSHAN-2SC1627A Datasheet
892Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC2482 FOSHAN-2SC2482 Datasheet
894Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
2SC2703 FOSHAN-2SC2703 Datasheet
951Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com