전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC327 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 BC327
상세설명  Silicon PNP transistor in a TO-92(R) Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BC327 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BC327 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BC327 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BC327 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BC327 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BC327 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BC327 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC327
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-45
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-800
mA
Emitter Current - Continuous
IE
800
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
电性能参数 / Electrical Characteristics(Ta=25℃)
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=-45V
IE=0
-0.1
μA
DC Current Gain
hFE
VCE=-1.0V
IC=-100mA
100
600
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-500mA
IB=-50mA
-0.7
V
Base to Emitter On Voltage
VBE(ON) VCE=-1.0V
IC=-300mA
-1.2
V
Base to Emitter Saturation Voltage
fT
VCE=-5.0V
IC=-10mA
f=100MHz
100
MHz
Transition Frequency
Cob
VCB=-10V
f=1.0MHz
16
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)


유사한 부품 번호 - BC327

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
List of Unclassifed Man...
BC327 ETC2-BC327 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Unisonic Technologies
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
ON Semiconductor
BC327 ONSEMI-BC327 Datasheet
108Kb / 5P
   Amplifier Transistors
September, 2011 ??Rev. 6
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
More results

유사한 설명 - BC327

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
BC558 FOSHAN-BC558 Datasheet
886Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
BC328 FOSHAN-BC328 Datasheet
812Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
BC557 FOSHAN-BC557 Datasheet
851Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
BC560 FOSHAN-BC560 Datasheet
839Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
BC556 FOSHAN-BC556 Datasheet
804Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
2N2907 FOSHAN-2N2907 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2N4126 FOSHAN-2N4126 Datasheet
791Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA733 FOSHAN-2SA733 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA984 FOSHAN-2SA984 Datasheet
689Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
2SA1091 FOSHAN-2SA1091 Datasheet
933Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com