전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8120AH 데이터시트(PDF) 1 Page - Nippon Precision Circuits Inc

부품명 SM8120AH
상세설명  White LED Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8120AH 데이터시트(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8120AH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8120AH Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM8120A
NIPPON PRECISION CIRCUITS INC.—1
White LED Driver IC
OVERVIEW
The SM8120A is a high efficiency step-up DC/DC converter. Due to high voltage CMOS process realizing
24V output supply as maximum value, white LED of 2–4 lights connected in series can be lighted. By connect-
ing in series, current variation among LED is eliminated. Current value sent to white LED can be set by exter-
nal resistors. In addition, brightness can also be adjusted by control to FB pin or CE pin.
FEATURES
I
Boost-up control using PFM
I
White LED of 2-4 lights (connected in series)
lighted
I
Output current value can be set by external resis-
tors (51
Ω: 9.8mA, 33Ω: 15.2mA, 24Ω: 20.8mA)
I
Brightness adjustable by control to FB pin or CE
pin
I
Current variation among LED decreased by high
precision
I
High efficient drive by step-up model
I
Supply voltage range: 2.4 to 5.5V
I
Maximum output voltage: 24V
I
Quiescent current: 80
µA (typ)
I
Standby current: 1.0
µA (max)
I
RON (Switching MOS-Tr): 2Ω (typ)
I
Maximum switching frequency: 500kHz (typ)
I
Output current detection accuracy:
± 2%
I
Small package: SOT23-5
APPLICATIONS
I
Cellular phone
I
Pager
I
Digital still camera
I
Handy terminal
I
PDAs
I
Portable games
I
White LED drive
I
LCD bias supply
I
Flash memory supply
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM8120AH
SOT23-5
VDD
VSS
SW
1
2
3
CE
FB
5
4
1.9 ± 0.2
2.9 ± 0.2
0.15 − 0.05
+ 0.1
0.12 M
0.1
0.95
0.4 ± 0.1


유사한 부품 번호 - SM8120AH

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8121AD NPC-SM8121AD Datasheet
372Kb / 19P
   White LED Driver IC
SM8121AH NPC-SM8121AH Datasheet
372Kb / 19P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8122AD NPC-SM8122AD Datasheet
162Kb / 13P
   White LED Driver IC
More results

유사한 설명 - SM8120AH

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com