전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP127F 데이터시트(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 TIP127F
상세설명  Silicon PNP transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP127F 데이터시트(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP127F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TIP127F
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
散件包装 / BULK
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Bag
/袋
Bags/Inner Box
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Bag 袋
Inner Box 盒
Outer Box 箱
TO-220F
200
10
2,000
5
10,000
135×190
237×172×102
560×245×195
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-220F
50
20
1,000
5
5,000
532×31.4×5.5
555×164×50
575×290×180
使用说明 / Notices


유사한 부품 번호 - TIP127F

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
TIP127F CDIL-TIP127F Datasheet
213Kb / 3P
   NPN/PNP SILICON POWER DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP127F TEL-TIP127F Datasheet
138Kb / 2P
   NPN/PNP SILICON POWER DARLINGTON TRANSISTORS
logo
Jiangsu Changjiang Elec...
TIP127F JIANGSU-TIP127F Datasheet
1Mb / 3P
   DARLINGTON TRANSISTOR (NPN)
logo
First Silicon Co., Ltd
TIP127F FS-TIP127F Datasheet
188Kb / 2P
   Darlington TRANSISTOR (NPN)
logo
STMicroelectronics
TIP127FP STMICROELECTRONICS-TIP127FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

유사한 설명 - TIP127F

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SB940 FOSHAN-2SB940 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1375 FOSHAN-2SB1375 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1565 FOSHAN-2SB1565 Datasheet
744Kb / 5P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB941 FOSHAN-2SB941 Datasheet
826Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA940A FOSHAN-2SA940A Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA2050 FOSHAN-2SA2050 Datasheet
846Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SA1668 FOSHAN-2SA1668 Datasheet
879Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
2SB1185 FOSHAN-2SB1185 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
3CA1837 FOSHAN-3CA1837 Datasheet
1,018Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
KTA1046 FOSHAN-KTA1046 Datasheet
912Kb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
KTA1658 FOSHAN-KTA1658 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com