전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

X0205MA 데이터시트(Datasheet) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 X0205MA
상세내용  Thyristor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo 

   
 2 page
background image
X0205MA
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
RMS on-state current
IT(RMS)
Tc=55℃
1.25
A
Repetitive peak off-state voltages
VDRM/VRRM
600
800
V
Average on-state current
IT(AV)
Tc=55℃
0.8
A
Non-repetitive peak on-state
current
ITSM
Tc=25℃
tp=8.3ms
25
A
tp=10ms
22.5
A
I2t for fusing
I2t
tp=10ms
Tc=25℃
2.5
A2S
Average gate power dissipation
PG(AV)
Tc=125℃
0.2
W
Peak gate current
IGM
tp=20µs
Tc=125℃
1.2
A
Critical rate of rise of off-state
voltage
dl/dt
F=60Hz
tr≤100ns
Tc=125℃
50
A/μs
Junction Temperature
Tj
-40~125
Storage Temperature Range
Tstg
-40~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Repetitive peak off-state
current
IDRM
VDRM=VRRM
RGK= 1KΩ
TC=25℃
5
μA
Repetitive peak off-state
current
IRRM
TC=125℃
500
Repetitive peak
on-state voltage
VTM
ITM=2.5A
tp=380µs
TC=25℃
1.45
V
Gate trigger current
IGT
VD=12V
RL=140Ω
20
50
μA
Holding current
IH
IT=50mA
RGK=1KΩ
5
mA
Latching current
IL
IG=1mA
RGK=1KΩ
6
mA
Gate trigger voltage
VGT
VD=12V
RL=140Ω
0.8
V
On-state voltage
VGD
VD=VDRM
RL=3.3KΩ
RGK=1KΩ
TC=125℃
0.1
V
Off-state leakage current
VRG
IRG=10μA
8
V
Critical rate of rise of off-state
voltage
dv/dt
VD=67%VRRM RGK=1KΩ
TC=110℃
15
V/μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl