전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

ZTX550 데이터시트(Datasheet) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 ZTX550
상세내용  Silicon PNP transistor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo 

   
 2 page
background image
ZTX550
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-45
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-1.0
A
Peak Collector Current
ICM
-2.0
A
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=-100μA
-60
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=-10mA
-45
V
Emitter to Base Breakdown
Voltage
VEBO
IE=-100μA
-5.0
V
Collector Cut-Off Current
ICBO
VCB=-45V
IE=0
-0.1
μA
Emitter Cut-Off Current
IEBO
VEB=-4.0V
IC=0
-0.1
μA
DC Current Gain
hFE(1)
IC=-150mA
VCE=-10V
100
300
hFE(2)
IC=-1.0A
VCE=-10V
15
Collector-Emitter Saturation
Voltage
VCE(sat) IC=-150mA
IB=-15mA
-0.25
V
Base -Emitter Saturation Voltage
VBE(sat) IC=-150mA
IB=-15mA
-1.1
V
Transition Frequency
fT
VCE=-10V
IC=-50mA
f=100MHz
150
MHz
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl