전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

PMC-1401FH 데이터시트(Datasheet) 1 Page - PIC GmbH

부품명 PMC-1401FH
상세내용  Standard SMD Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PIC [PIC GmbH]
홈페이지  http://www.pic-gmbh.com
Logo 

   
 1 page
background image
S W T
I C H I N G T HE S M A R T WAY
PMC-1401FH
Contact rating max.
10
Switching current max.
1
Drop out min.
4
Operate time max. (incl. bounce)
1
Release time max.
0.4
Switching frequency max.
500
Resonant frequency typ.
4000
Vibration
20
Shock
100
Operating temperature
-60
Insulation resistance min.
10
PMC-1401FH
Carry current max.
Switching voltage max.
Breakdown voltage min.
Contact resistance max. (initial)
Pull in range available
Test coil
Standard SMD Reed Switch
Magnetical Characteristics (of unmodified Reed Switch)
Operating Characteristics
Environmental Characteristics
Contact form
A
10
200
140
1.2
240
150
VDC
VAC
W / VA
A
A
VDC
mΩ
10 - 25
014
AT
AT
Contact material
Ru
Test equipment tolerance
2
155
to +
ms
ms
Hz
Hz
TC
± AT
°C
g
g
@ 25 °C
@ 25 °C
Packing Unit
2500
Weight per piece
0.24
Weight per package
1250
g
g
pcs
Standard AT ranges
Features
Dimensions in mm
Approvals
Ordering example
PMC1401FH1015 describes PMC-1401FH with 10-
15 AT.
(50-2000 Hz)
(1/2 sin 11 ms)
Reel size
13 inches
Storage temperature
-60
60
Soldering temperature max.
255
Lead tensile strength min.
4
°C
°C
kg
to +
Electrical Characteristics
@ 25 °C
Ordering Information
Position of contact blades not defined.
10
15
to
AT
15
20
to
AT
20
25
to
AT
Compact size
Zero power consumption
Not ESD sensitive
Over 1 billion reliable operations at
dry circuits or low level loads
Perfect economical alternative to Hall
switches
Replaces various competitors types
Tape & reel packaging
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.2
pmc1401fh_e_1.2
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 1 of 2




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl