전자부품 데이터시트 검색엔진 |
|
ELGT-150-C 데이터시트(PDF) 4 Page - Mean Well Enterprises Co., Ltd. |
|
ELGT-150-C 데이터시트(HTML) 4 Page - Mean Well Enterprises Co., Ltd. |
4 / 10 page AC/L(Brown) AC/N(Blue) File Name:ELGT-150-C-SPEC 2017-07-10 ELGT-150-C series DIMMING OPERATION ELGT-150-C ※ 3 in 1 dimming function (for B-Type) Output constant current level can be adjusted by applying one of the three methodologies between DIM+ and DIM-: 0 ~ 10VDC, or 10V PWM signal or resistance. Direct connecting to LEDs is suggested. It is not suitable to be used with additional drivers. Dimming source current from power supply: 100 A (typ.) μ ◎ Applying additive 0 ~ 10VDC ◎ Applying additive 10V PWM signal (frequency range 100Hz ~ 3KHz): ◎ Applying additive resistance: Note : 1. Min. dimming level is about 8% and the output current is not defined when 0%< out<8%. I 2. The output current could drop down to 0% when dimming input is about 0k or 0Vdc, or 10V PWM signal with 0% duty cycle. Ω Vo+ Vo- DIM+ DIM- + + + - - - “DO NOT connect "DIM- to Vo-" Additive Voltage Vo+ Vo- DIM+ DIM- + + - - “DO NOT connect "DIM- to Vo-" Additive PWM signal Vo+ Vo- DIM+ DIM- + + - - “DO NOT connect "DIM- to Vo-" Additive Resistance 0V 1V 2V 3V 4V 5V 6V 7V 8V 9V 10V 10% 0% 20% 30% 40% 50% 60% 70% 80% 90% 100% 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 10% 0% 20% 30% 40% 50% 60% 70% 80% 90% 100% 10% 0% 20% 30% 40% 50% 60% 70% 80% 90% 100% Dimming input: Additive voltage Duty cycle of additive 10V PWM signal dimming input * DIM+ for B-Type DA+ for DA-Type PROG+ for D2-Type * *DIM- for B-Type DA- for DA-Type PROG- for D2-Type Short 10K/N 20K/N 30K/N 40K/N 50K/N 60K/N 70K/N 80K/N 90K/N 100K/N (N=driver quantity for synchronized ) dimming operation Dimming input: Additive resistance DIM-(Black)** DIM+( )* Gray Vo+(Brown) Vo-(Blue) 105~150W Class Constant Current Mode LED Driver Ⅱ |
유사한 부품 번호 - ELGT-150-C |
|
유사한 설명 - ELGT-150-C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |