전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ELGT-150-C 데이터시트(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

부품명 ELGT-150-C
상세설명  105~150W Class ??Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELGT-150-C 데이터시트(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

Back Button ELGT-150-C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
-25
80
82
84
86
88
90
92
94
50%
60%
70%
80%
90%
100%
277V(150W)
230V(150W)
115V(120W)
LOAD
File Name:ELGT-150-C-SPEC 2017-07-10
ELGT-150-C series
LOAD
OUTPUT LOAD vs TEMPERATURE
TOTAL HARMONIC DISTORTION (THD)
AMBIENT TEMPERATURE,Ta (
)
INPUT VOLTAGE (V) 60Hz
(HORIZONTAL)
POWER FACTOR (PF) CHARACTERISTIC
Tcase (
)
(HORIZONTAL)
※De-rating is needed under low input voltage.
EFFICIENCY vs LOAD
ELGT-150-C series possess superior working efficiency that up to 92% can
be reached in field applications.
-40
-25
0
204555657590
20
40
60
80
100
※ 700mA Model, Tcase at 75℃
※ 700mA Model, Tcase at 75℃
LOAD
※ Tcase at 75℃
230VAC
input only
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
100
120
140
160
180
200
240
250
260
270
280
305
100
90
80
70
60
50
40
STATIC CHARACTERISTIC
0.88
0.9
0.92
0.94
0.96
0.98
1
50%
60%
70%
80%
90%
100%
277V(150W)
230V(150W)
115V(120W)
(105W)
(150W)
(150W)
(105W)
(150W)
(150W)
230VAC
input only
4%
6%
8%
10%
12%
14%
16%
18%
50%
60%
70%
80%
90%
100%
277VAC(150W)
230VAC(150W)
115VAC(120W)
105~150W Class
Constant Current Mode LED Driver


유사한 부품 번호 - ELGT-150-C

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
ELG KEMET-ELG Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
ELG-100 MEANWELL-ELG-100 Datasheet
153Kb / 7P
   100W Single Output Switching Power Supply
ELG-100-36-A MEANWELL-ELG-100-36-A Datasheet
153Kb / 7P
   100W Single Output Switching Power Supply
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
ELG-100-C500-A MEANWELL-ELG-100-C500-A Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
More results

유사한 설명 - ELGT-150-C

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
ELG-150U MEANWELL-ELG-150U Datasheet
1Mb / 8P
   150W Constant Voltage Constant Current LED Driver
logo
Inventronics Inc.
EUC-150SXXXDDA INVENTRONICS-EUC-150SXXXDDA Datasheet
289Kb / 8P
   150W Class II Constant Current IP67 Driver
Rev. D
logo
Mean Well Enterprises C...
XLG-150 MEANWELL-XLG-150 Datasheet
725Kb / 9P
   150W Constant Power Mode LED Driver
ELG-150 MEANWELL-ELG-150_V01 Datasheet
341Kb / 11P
    84-150W Constant Voltage Constant Current LED Driver
2018-05-29
logo
Inventronics Inc.
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
   150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
   150W Constant Current IP67 Driver
Rev. O
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
   150W Constant Current IP67 Driver
Rev. F
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
   150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
   150W Constant Current IP67 Driver
Rev. D
EUC-150SXXXDT INVENTRONICS-EUC-150SXXXDT Datasheet
647Kb / 14P
   150W Constant Current IP67 Driver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com