전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC03C-15 데이터시트(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

부품명 SLC03C-15
상세설명  3W DIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SLC03C-15 데이터시트(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SLC03C-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SLC03C-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SLC03C-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SLC03C-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
SAFETY &
EMC
(5)
Note.
WITHSTAND VOLTAGE
ISOLATION CAPACITANCE (Typ.)
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
N/A
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
300Khrs min. MIL-HDBK-217F(25
)
22.1*13.8*8.55mm (0.87*0.54*0.34 inch)
EN55032(CISPR32)
Class B
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
FILTER
PROTECTION
INTERNAL POWER DISSIPATION
VOLTAGE ACCURACY
RATED POWER
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Typ.)
SHORT CIRCUIT
OVERLOAD
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
12Vin models : 25Vdc ; 24Vin models : 50V ; 48Vin models : 100Vdc
A: 9~18Vdc , B: 18~36Vdc , C: 18~75Vdc
Internal capacitor
Fuse recommended. 12Vin models: 1A Slow-Blow Type, 24Vin models: 0.5A Slow-Blow Type, 48Vin models: 200mA Slow-Blow Type
±2%
3W
50mVp-p
±0.2%
+100
max.
20% ~ 90% RH non-condensing
Free-air convection
- 0 ~ +
(Refer to "Derating Curve")
485
-40 ~ +105
, 10 ~ 95%
RH non-condensing
0.03% /
(0 ~ 80
)
℃℃
1.5mm from case of 3 ~ 5sec./265
max.
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:1.5KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
80pF
1000mW
100KHz
Protection type : Continuous, automatic recovery
150 ~ 250% rated output power
Protection type : Recovers automatically after fault condition is removed
±0.5%
UNDER VOLTAGE LOCKOUT
Start-up voltage
12Vin: 7Vdc,
24Vin: 14Vdc, 48Vin: 30Vdc
12Vin: 8.8Vdc, 24Vin: 17Vdc, 48Vin: 34Vdc
Parameter
Standard
Parameter
Standard
Test Level / Note
MTBF
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Non-Conductive black plastic (UL 94V-0 rated)
PACKING
4.5g
NOTE
1.All parameters are specified at normal input(A:12Vdc, B:24Vdc, C:48Vdc), rated load, 25 70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
6.An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: 220uF/100V.
3W DIP Package DC-DC Regulated Converter
SLC03 & DLC03 series
File Name:SLC03,DLC03-SPEC 2017-06-21
Shutdown voltage
Level 2, 3V/m
Level 3,
8KV air
±
Level 2, 3V
Level 2, 0.5KV Line-Line
Level 1, 0.5KV
Level 1, 1A/m
Test Level / Note(
6)
Note.


유사한 부품 번호 - SLC03C-15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
SLC0XXX ETC1-SLC0XXX Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results

유사한 설명 - SLC03C-15

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
   3W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com