전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

RR1VWM4S 데이터시트(Datasheet) 1 Page - Rohm

부품명 RR1VWM4S
상세내용  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo 

   
 1 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RR1VWM4S
Series
Dimensions (Unit : mm)
Land Size Figure (Unit : mm)
Standard Rectifier
Applications
General rectification
Features
1) Low forward voltage
Structure
2)
3) Small mold type
(PMDE)
Taping Dimensions (Unit : mm)
Construction
Silicon diffused junction type
Absolute Maximum Ratings (T
l= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Electrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.9
1.08
1.2
V
Reverse current
IR
--
10
A
Thermal resistance
Rth(j-l)
--
30
°C/W
High current overload capacity
1
400
175
55 to 175
Symbol
Limits
Junction to lead
Direct voltage
IF=1A
Conditions
Non-repetitive at Tj=25ºC
-
-
VR=400V
Tl=125°C
Unit
400
Parameter
Conditions
Duty≦0.5
Forward voltage
Parameter
A
IFSM
Non-repetitive forward surge current
60Hz half sin wave,
15
A
Average current
Io
On glass epoxy substrate,
60Hz half sin wave , Resistive load
PMDE
Anode
Cathode
ROHM : PMDE
dot (year week factory) + day
1.1
0.8
1/4
2016.09 - Rev.A




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl