전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RR2L6S 데이터시트(PDF) 3 Page - Rohm

부품명 RR2L6S
상세설명  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

RR2L6S 데이터시트(HTML) 3 Page - Rohm

  RR2L6S Datasheet HTML 1Page - Rohm RR2L6S Datasheet HTML 2Page - Rohm RR2L6S Datasheet HTML 3Page - Rohm RR2L6S Datasheet HTML 4Page - Rohm RR2L6S Datasheet HTML 5Page - Rohm RR2L6S Datasheet HTML 6Page - Rohm RR2L6S Datasheet HTML 7Page - Rohm RR2L6S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RR2L6S
lElectrical characteristic curves
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
R
th(j-a)
R
th(j-l)
0
0.5
1
1.5
2
2.5
3
3.5
0
30
60
90
120
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
0
0.5
1
1.5
2
2.5
0
30
60
90
120
150
D.C.
D = 0.1
D = 0.2
half sin wave
D = 0.5
1
10
100
1000
1
10
100
T
j = 25°C
TIME : t(ms)
I
FSM-t CHARACTERISTICS
I
FSM
time
TIME : t(s)
Rth-t CHARACTERISTICS
AMBIENT TEMPERATURE : T
a(°C)
DERATING CURVE (I
o-Ta)
LEAD TEMPERATURE : T
l(°C)
DERATING CURVE (I
o-Tl)
T
T
j=150°C
D=t/T
t
V
R
I
o
V
R=VRMAX
0A
0V
T
T
j=150°C
D=t/T
t
V
R
I
o
V
R=VRMAX
0A
0V
3/4
2014.07 - Rev.A


유사한 부품 번호 - RR2L6S

제조업체부품명데이터시트상세설명
logo
Rohm
RR2L6SDD ROHM-RR2L6SDD Datasheet
627Kb / 5P
   Rectifier Diode
RR2L6SDD ROHM-RR2L6SDD Datasheet
650Kb / 8P
   Rectifier Diode
RR2L6SDD ROHM-RR2L6SDD_15 Datasheet
650Kb / 8P
   Rectifier Diode
More results

유사한 설명 - RR2L6S

제조업체부품명데이터시트상세설명
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com