전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

RRD07MM4S 데이터시트(Datasheet) 1 Page - Rohm

부품명 RRD07MM4S
상세내용  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo 

   
 1 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RRD07MM4S
Series
Dimensions (Unit : mm)
Land Size Figure (Unit : mm)
Standard Rectifier
Application
General rectification
For strobe flash
Features
Structure
1) Small power mold type (PMDU)
2) High current overload capacity
Taping Dimensions (Unit : mm)
Construction
Silicon diffused junction type
Absolute Maximum Ratings (T
a= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
(*) Rth(j-a) < 80°C/W
Electrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
0.9
0.98
V
Reverse current
IR
-0.05
1
A
Forward voltage
VR=400V
Direct reverse voltage
0.7
IF=0.7A
Conditions
-
-
Parameter
400
150
55 to 150
1pulse/4s, t=500
s, T
j=25ºC
Symbol
Limits
Unit
400
Parameter
Conditions
Duty≦0.5
A
IFRM
(*)
Repetitive forward surge current
150
A
Average rectified foward current
Io
Glass epoxy board mounted,
60Hz half sin wave, resistive load
PMDU
Anode
Cathode
1.2
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
ROHM : PMDU
JEDEC : SOD-123FL
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.05
0.1
: Manufacture Date
1/3
2017.04 - Rev.C




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl