전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STN456DN 데이터시트(PDF) 1 Page - Stanson Technology

부품명 STN456DN
상세설명  N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN456DN 데이터시트(HTML) 1 Page - Stanson Technology

  STN456DN Datasheet HTML 1Page - Stanson Technology STN456DN Datasheet HTML 2Page - Stanson Technology STN456DN Datasheet HTML 3Page - Stanson Technology STN456DN Datasheet HTML 4Page - Stanson Technology STN456DN Datasheet HTML 5Page - Stanson Technology STN456DN Datasheet HTML 6Page - Stanson Technology STN456DN Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STN456DN
N Channel Enhancement Mode MOSFET
70A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN456DN 2016 V1
DESCRIPTION
STN456DN uses Trench MOSFET technology that is uniquely optimized to provide the
most efficient nigh frequency switching performance. It has been optimized for low
gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION
POWER PACK 5x6 (1212-8L)
D
D
D
D
S
S
S
G
Y:Year Code
A:Date Code
B:Package Code
C:Process Code
FEATURE
l
30V/30A, RDS(ON) = 4.0mΩ(Typ.)
@VGS = 10V
l
30V/15A, RDS(ON) = 5.8mΩ
@VGS = 4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and
maximum DC current capability
l
PPAK5x6 (1212-8L) package design


유사한 부품 번호 - STN456DN

제조업체부품명데이터시트상세설명
logo
Stanson Technology
STN4526 STANSON-STN4526 Datasheet
616Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
VBsemi Electronics Co.,...
STN4526S8RG VBSEMI-STN4526S8RG Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Stanson Technology
STN4536 STANSON-STN4536 Datasheet
708Kb / 6P
   Due N Channel Enhancement Mode MOSFET
STN4546 STANSON-STN4546 Datasheet
363Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
SHENZHEN DOINGTER SEMIC...
STN4546 DOINGTER-STN4546 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - STN456DN

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com