전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

STN4260 데이터시트(Datasheet) 3 Page - Stanson Technology

부품명 STN4260
상세내용  N Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo 

   
 3 page
background image
STN4260
N Channel Enhancement Mode MOSFET
18A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2008, Stanson Corp.
STN4260 2016. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
60
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.0
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=60V,VGS=0V
1
uA
VDS=60V,VGS=0V
TJ=25℃
5
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=10A
VGS=4.5V,ID=8A
11.5
12.5
13
14
Forward
Transconductance
gfs
VDS=10V,ID=6A
11.7
S
Diode Forward Voltage
VSD
IS=1A,VGS=0V
0.8
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=30V,VGS=10V
ID≡10A
40
58
nC
Gate-Source Charge
Qgs
6
9
Gate-Drain Charge
Qgd
8.8
14
Input Capacitance
Ciss
VDS =25V,VGS=0V
F=1MHz
2100
pF
Output Capacitance
Coss
165
Reverse
TransferCapacitance
Crss
80
Turn-On Time
td(on)
tr
VDD=15V,
VGS=10V,RG=6Ω
ID=1A
9.5
18
nS
28
54
Turn-Off Time
td(off)
tf
45.3
86
80
120




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl