전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WTIH1598S012111 데이터시트(PDF) 2 Page - OPLINK Communications Inc.

부품명 WTIH1598S012111
상세설명  980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WTIH1598S012111 데이터시트(HTML) 2 Page - OPLINK Communications Inc.

  WTIH1598S012111 Datasheet HTML 1Page - OPLINK Communications Inc. WTIH1598S012111 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S0081 - R12. (web) 20130114
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
WTIH
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions (dimension in mm)
2
8
1
9
Package & Fiber Jacket Type
P2 + 250μm bare fiber = 21
P2 + 900µm loose tube = 22
Wavelength
Fiber Length
Tap Ratio
Stage
1550/980nm = 1598
1585/980nm = 1698
0.5 meter = H
1.0 Meter = 1*
1.5 Meters = 5
2.0 Meters = 2
1% = 01
2% = 02
5% = 05
10% = 10
Single Stage = S
Dual Stage = D
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
980/1550(1585)nm WDM/TAP Coupler/
Isolator Hybrid Combination
WTIH1598 Series
* The tolerance of fiber length is +/-0.1m. 1 meter is standard.
The lead-time for special fiber length will be longer.
SIGNAL
TAP
COMMON
PUMP
TAP
COMMON
PUMP
SIGNAL
40.0mm
Ø5.5mm


유사한 부품 번호 - WTIH1598S012111

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
   980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
More results

유사한 설명 - WTIH1598S012111

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
WTIH1598-S0081 OPLINK-WTIH1598-S0081 Datasheet
208Kb / 2P
   980/1550(1585)nm WDM/Tap Coupler/Isolator Hybrid Combination
WTIH1598S01 OPLINK-WTIH1598S01 Datasheet
221Kb / 2P
   980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination
TCIHG1550S1 OPLINK-TCIHG1550S1 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
TCIHG-S0072 OPLINK-TCIHG-S0072 Datasheet
259Kb / 2P
   Green 1550(1585)nm Tap Coupler / Isolator Hybrid Combination
WTIH1514-S0080 OPLINK-WTIH1514-S0080 Datasheet
344Kb / 2P
   1480/1550(1585)nm WDM/ Tap Couper/ Isolator Hybrid Combination
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WTIH1514 OPLINK-WTIH1514 Datasheet
344Kb / 2P
   WDM/ Tap Couper Isolator Hybrid Combination
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com